Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3860IV Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA3860IV
Description  11 Mbps Direct Sequence Spread Spectrum Baseband Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3860IV Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HFA3860IV Datasheet HTML 2Page - Intersil Corporation HFA3860IV Datasheet HTML 3Page - Intersil Corporation HFA3860IV Datasheet HTML 4Page - Intersil Corporation HFA3860IV Datasheet HTML 5Page - Intersil Corporation HFA3860IV Datasheet HTML 6Page - Intersil Corporation HFA3860IV Datasheet HTML 7Page - Intersil Corporation HFA3860IV Datasheet HTML 8Page - Intersil Corporation HFA3860IV Datasheet HTML 9Page - Intersil Corporation HFA3860IV Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
4-
6
NOTES:
1. The HFA3860 always uses the rising edge of SCLK. SD, R/W and CS hold times allow the controller to use either the rising or falling edge.
2. This port operates essentially the same as the HFA 3824 with the exception that the AS signal of the 3824 is not required.
FIGURE 2. CONTROL PORT READ TIMING
FIGURE 3. CONTROL PORT WRITE TIMING
7
6
5
4
32
10
7
6
5
4
32
10
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
SCLK
SD
CS
R/W
LSB
DATA OUT
MSB
MSB
ADDRESS IN
FIRST ADDRESS BIT
FIRST DATABIT OUT
7
6
5
4
321076543
210
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
SCLK
SD
CS
R/W
LSB
DATA IN
MSB
MSB
ADDRESS IN
TABLE 1. CONFIGURATION AND CONTROL INTERNAL REGISTER LIST
CONFIGURATION
REGISTER
NAME
TYPE
REGISTER
ADDRESS HEX
CR0
Part/Version Code
R
00
CR1
I/O Polarity
R/W
04
CR2
TX and RX Control
R/W
08
CR3
A/D_CAL_POS Register
R/W
0C
CR4
A/D_CAL_NEG Register
R/W
10
CR5
CCA Antenna Control
R/W
14
CR6
Preamble Length
R/W
18
CR7
Scramble_Tap (RX and TX)
R/W
1C
CR8
RX_SQ1_ ACQ (High) Threshold
R/W
20
CR9
RX-SQ1_ ACQ (Low) Threshold
R/W
24
CR10
RX_SQ2_ ACQ (High) Threshold
R/W
28
CR11
RX-SQ2_ ACQ (Low) Threshold
R/W
2C
CR12
SQ1 CCA Thresh (High)
R/W
30
CR13
SQ1 CCA Thresh (Low)
R/W
34
CR14
ED or RSSI Thresh
R/W
38
CR15
SFD Timer
R/W
3C
CR16
Signal Field (BPSK - 11 Chip Sequence)
R/W
40
CR17
Signal Field (QPSK - 11 Chip Sequence)
R/W
44
HFA3860


Similar Part No. - HFA3860IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV INTERSIL-HFA3860AIV Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV96 INTERSIL-HFA3860AIV96 Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3860BIV INTERSIL-HFA3860BIV Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
More results

Similar Description - HFA3860IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com