Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB521P Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KB521P
Description  high bright pink color LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KB521P Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KB521P Datasheet HTML 1Page - KODENSHI_AUK CORP. KB521P Datasheet HTML 2Page - KODENSHI_AUK CORP. KB521P Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AUK CORP.
KB464APIK (KLB-521 P)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date: 08-AUG-11
AUK-LDM-001(A)
1. Descriptions
KB464APIK (KLB-521 P) is a high bright pink color LED, which has a blue LED chip and
is encapsulated by epoxy mixed with phosphor.
2. Features
Transparent epoxy lens
High Optical Output
Typical Luminous Intensity(IV)
: 800mcd for Pink @ IF=20mA
3. Application
Display
Indicator
Signage
Amusement
4. Outline Dimensions and Material Descriptions
Outline Dimensions


Similar Part No. - KB521P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB521B KODENSHI-KB521B Datasheet
264Kb / 3P
   high bright InGaN blue LED
KB521G KODENSHI-KB521G Datasheet
274Kb / 3P
   high bright InGaN Green LED
KB521O KODENSHI-KB521O Datasheet
279Kb / 4P
   high bright AllnGaP orange LED
logo
Hamamatsu Corporation
KB521R HAMAMATSU-KB521R Datasheet
273Kb / 3P
   high bright AllnGaP red LED
More results

Similar Description - KB521P

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30125 NTE-NTE30125 Datasheet
55Kb / 2P
   Super Bright LED Indicator Super Bright Pink, 3mm
NTE30126 NTE-NTE30126 Datasheet
85Kb / 2P
   Super Bright LED Indicator Ultra Bright Pink, 5mm
logo
STANLEY ELECTRIC CO.,LT...
SPW1653JPTE-12-TR STANLEY-SPW1653JPTE-12-TR Datasheet
1Mb / 24P
   ?? Dies product, Special color emitting LED (Purplish Pink)
logo
NICHIA CORPORATION
NSPBR70ASS-N9 NICHIA-NSPBR70ASS-N9 Datasheet
249Kb / 13P
   PINK LED
logo
Roithner LaserTechnik G...
SMC570 ROITHNER-SMC570 Datasheet
233Kb / 1P
   high bright green color smd led on ceramics
SMC525 ROITHNER-SMC525 Datasheet
250Kb / 1P
   high bright green color smd led on ceramics
SMC630 ROITHNER-SMC630 Datasheet
227Kb / 1P
   high bright green color smd led on ceramics
logo
List of Unclassifed Man...
SMC430 ETC1-SMC430 Datasheet
60Kb / 1P
   High Bright Blue color SMD LED on ceramics
logo
Roithner LaserTechnik G...
5R4HCA-PH ROITHNER-5R4HCA-PH Datasheet
64Kb / 1P
   PINK LED
logo
OptoSupply Internationa...
OSK5DKA131A OPTOSUPPLY-OSK5DKA131A_11 Datasheet
158Kb / 1P
   10mm Roundd Pink LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com