Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9873 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9873
Description  Analog Front End Converter for Set-Top Box, Cable Modem
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9873_15 Datasheet HTML 4Page - Analog Devices AD9873_15 Datasheet HTML 5Page - Analog Devices AD9873_15 Datasheet HTML 6Page - Analog Devices AD9873_15 Datasheet HTML 7Page - Analog Devices AD9873_15 Datasheet HTML 8Page - Analog Devices AD9873_15 Datasheet HTML 9Page - Analog Devices AD9873_15 Datasheet HTML 10Page - Analog Devices AD9873_15 Datasheet HTML 11Page - Analog Devices AD9873_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
REV. 0
AD9873
–8–
DEFINITIONS OF TERMS
DIFFERENTIAL NONLINEARITY ERROR (DNL, NO
MISSING CODES)
An ideal converter exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Guaranteed
no missing codes to 10-bit resolution indicates that all 1024 codes
respectively, must be present over all operating ranges.
INTEGRAL NONLINEARITY ERROR (INL)
Linearity error refers to the deviation of each individual code
from a line drawn from “negative full scale” through “positive
full scale.” The point used as “negative full scale” occurs 1/2 LSB
before the first code transition. “Positive full scale” is defined as
a level 1 1/2 LSB beyond the last code transition. The deviation
is measured from the middle of each particular code to the true
straight line.
PHASE NOISE
Single-sideband phase noise power density is specified relative to
the carrier (dBc/Hz) at a given frequency offset (1 kHz) from
the carrier. Phase noise can be measured directly in single tone
transmit mode with a spectrum analyzer that supports noise
marker measurements. It detects the relative power between the
carrier and the offset (1 kHz) sideband noise and takes the reso-
lution bandwidth (rbw) into account by subtracting 10 log (rbw).
It also adds a correction factor that compensates for the imple-
mentation of the resolution bandwidth, log display and detector
characteristic.
OUTPUT COMPLIANCE RANGE
The range of allowable voltage at the output of a current-output
DAC. Operation beyond the maximum compliance limits may
cause either output stage saturation, resulting in nonlinear per-
formance or breakdown.
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
The difference, in dB, between the rms amplitude of the DACs
output signal (or ADC’s input signal) and the peak spurious
signal over the specified bandwidth (Nyquist bandwidth unless
otherwise noted).
PIPELINE DELAY (LATENCY)
The number of clock cycles between conversion initiation and the
associated output data being made available.
OFFSET ERROR
First transition should occur for an analog value 1/2 LSB above
negative full scale. Offset error is defined as the deviation of the
actual transition from that point.
GAIN ERROR
The first code transition should occur at an analog value 1/2 LSB
above negative full scale. The last transition should occur for an
analog value 1 1/2 LSB below the nominal full scale. Gain error
is the deviation of the actual difference between first and last
code transitions and the ideal difference between first and last
code transitions.
APERTURE DELAY
Aperture delay is a measure of the Sample-and-Hold Amplifier
(SHA) performance and specifies the time delay between the
rising edge of the sampling clock input to when the input signal
is held for conversion.
APERTURE UNCERTAINTY (JITTER)
Aperture jitter is the variation in aperture delay for successive
samples and is manifested as noise on the input to the ADC.
SIGNAL-TO-NOISE + DISTORTION (SINAD) RATIO
SINAD is the ratio of the rms value of the measured input signal
to the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The value for
SINAD is expressed in decibels.
EFFECTIVE NUMBER OF BITS (ENOB)
For a sine wave, SINAD can be expressed in terms of the number
of bits. Using the following formula,
N = (SINAD – 1.76) dB/6.02
it is possible to obtain a measure of performance expressed as N,
the effective number of bits.
SIGNAL-TO-NOISE RATIO (SNR)
SNR is the ratio of the rms value of the measured input signal to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
TOTAL HARMONIC DISTORTION (THD)
THD is the ratio of the rms sum of the first six harmonic com-
ponents to the rms value of the measured input signal and is
expressed as a percentage or in decibels.
POWER SUPPLY REJECTION
Power supply rejection specifies the converters maximum full-scale
change when the supplies are varied from nominal to minimum
and maximum specified voltages.
CHANNEL-TO-CHANNEL ISOLATION (CROSSTALK)
In an ideal multichannel system, the signal in one channel will
not influence the signal level of another channel. The channel-
to-channel isolation specification is a measure of the change that
occurs to a grounded channel as a full-scale signal is applied to
another channel.


Similar Part No. - AD9873_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9873-EB AD-AD9873-EB Datasheet
935Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9873JS AD-AD9873JS Datasheet
935Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
More results

Similar Description - AD9873_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9873 AD-AD9873 Datasheet
935Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9879 AD-AD9879 Datasheet
364Kb / 24P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. 0
AD9877 AD-AD9877 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
   Set-Top Box, Cable Modem
logo
STMicroelectronics
STID128 STMICROELECTRONICS-STID128 Datasheet
162Kb / 4P
   DOCSIS 3.0 and video front-end for gateway set-top box and cable modem
December 2012
logo
TOKO, Inc
DIP1A TOKO-DIP1A Datasheet
421Kb / 4P
   DIPLEXER FOR CABLE MODEM / DIGITAL SET-TOP BOX
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com