Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACDA04-41SEKWA-F01 Datasheet(PDF) 1 Page - Kingbright Corporation

Part # ACDA04-41SEKWA-F01
Description  Super Bright Orange
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACDA04-41SEKWA-F01 Datasheet(HTML) 1 Page - Kingbright Corporation

  ACDA04-41SEKWA-F01_15 Datasheet HTML 1Page - Kingbright Corporation ACDA04-41SEKWA-F01_15 Datasheet HTML 2Page - Kingbright Corporation ACDA04-41SEKWA-F01_15 Datasheet HTML 3Page - Kingbright Corporation ACDA04-41SEKWA-F01_15 Datasheet HTML 4Page - Kingbright Corporation ACDA04-41SEKWA-F01_15 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAG0239
REV NO: V.11A
DATE: JAN/08/2015
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Q.M.Chen
ERP: 1352000320
SURFACE MOUNT DISPLAY
Part Number: ACDA04-41SEKWA-F01
Super Bright Orange
Features
0.4 inch digit height.
Low current operation.
Excellent character appearance.
Mechanically rugged.
Gray face,white segment.
Package: 250pcs/ reel.
Moisture sensitivity level : level 2a.
RoHS compliant.
Description
The Super Bright Orange device is made with AlGaInP (on
GaAs substrate) light emitting diode chip.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
3.The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - ACDA04-41SEKWA-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
ACDA04-41SEKWA-F01 KINGBRIGHT-ACDA04-41SEKWA-F01 Datasheet
202Kb / 5P
   SURFACE MOUNT DISPLAY
More results

Similar Description - ACDA04-41SEKWA-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
ACDA03-41SEKWA-F01 KINGBRIGHT-ACDA03-41SEKWA-F01_15 Datasheet
217Kb / 5P
   Super Bright Orange
WP7104SET KINGBRIGHT-WP7104SET Datasheet
259Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Orange
WP7104SEC KINGBRIGHT-WP7104SEC Datasheet
259Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Orange
WP7104SED KINGBRIGHT-WP7104SED Datasheet
259Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Super Bright Orange
logo
LUMEX INC.
SSL-LX100133XOC LUMEX-SSL-LX100133XOC Datasheet
122Kb / 1P
   T-10mm LED, SUPER BRIGHT ORANGE, WATER CLAER LENS
logo
Marktech Corporate
MT0303-UO MARKTECH-MT0303-UO Datasheet
375Kb / 2P
   Ultra Bright Orange 3mm LED
MT0363-UO MARKTECH-MT0363-UO Datasheet
377Kb / 2P
   Ultra Bright Orange 2.9mm LED
logo
KODENSHI_AUK CORP.
KB521O KODENSHI-KB521O Datasheet
279Kb / 4P
   high bright AllnGaP orange LED
logo
Kingbright Corporation
WP7113SET KINGBRIGHT-WP7113SET Datasheet
257Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Super Bright Orange
logo
OptoSupply Internationa...
OSO5SAZ4E1D OPTOSUPPLY-OSO5SAZ4E1D Datasheet
96Kb / 1P
   Super Flux Super Orange LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com