Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3724 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA3724
Description  400MHz Quadrature IF Modulator/Demodulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3724 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HFA3724 Datasheet HTML 2Page - Intersil Corporation HFA3724 Datasheet HTML 3Page - Intersil Corporation HFA3724 Datasheet HTML 4Page - Intersil Corporation HFA3724 Datasheet HTML 5Page - Intersil Corporation HFA3724 Datasheet HTML 6Page - Intersil Corporation HFA3724 Datasheet HTML 7Page - Intersil Corporation HFA3724 Datasheet HTML 8Page - Intersil Corporation HFA3724 Datasheet HTML 9Page - Intersil Corporation HFA3724 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Pin Description
PIN
SYMBOL
DESCRIPTION
1
LIM1_BYP+
DC feedback pin for Limiter amplifier 1. Requires good decoupling and minimum wire length to a solid signal
ground.
2
LIM1_In+
Non inverting analog input of Limiter amplifier 1.
3
LIM1_In-
Inverting input of Limiter amplifier 1.
4
LIM1_BYP-
DC feedback pin for Limiter amplifier 1. Requires good decoupling and minimum wire length to a solid signal
ground.
5, 6,
7, 8
GND
Ground. Connect to a solid ground plane.
9
LPF_VCC
Supply pin for the Low pass filter. Use high quality decoupling capacitors right at the pin.
10
2V REF
Stable 2V reference voltage output for external applications. Loading must be higher than 10k
Ω. A bypass
capacitor of at least 0.1
µF is required.
11
LPF_BYP
Internal reference bypass pin. This is the common voltage (VCM) used for the LPF digital thresholds. Requires
0.1
µF decoupling capacitor.
12
LPF_TXI_In
Low pass filter in phase (I) channel transmit input. Conventional or attenuated direct coupling is required for digital
inputs. (Note 7)
13
LPF_TXQ_In
Low pass filter quadrature (Q) channel transmit input. Conventional or attenuated direct coupling is required for
digital inputs. (Note 7)
14
LPF_RXI_Out
Low pass filter in phase (I) channel receive output. Requires AC coupling. (Note 8)
15
LPF_RXQ_Out
Low pass filter quadrature (Q) channel receive output. Requires AC coupling. (Note 8)
16
LPF_Sel1
Digital control input pins. Selects four programed cut off frequencies for both receive and transmit channels. Tuning
speed from one cutoff to another is less than 1
µs.
SEL1
SEL0
Cutoff Frequency
SEL1
SEL0
Cutoff Frequency
LO
LO
2.2MHz
HI
LO
8.8MHz
LO
HI
4.4MHz
HI
HI
17.6MHz
17
LPF_Sel0
18
LPF_Tune1
These two pins are used to fine tune the Low pass filter cutoff frequency. A resistor connected between the two
pins (RTUNE) will fine tune both transmit and receive filters. Refer to the tuning equation in the LPF AC
specifications.
19
LPF_Tune0
20
GND
Ground. Connect to a solid ground plane.
21
LPF_RX_PE
Digital input control pin to enable the LPF receive mode of operation. Enable logic level is High.
22
LPF_TX_PE
Digital input control pin to enable the LPF transmit mode of operation. Enable logic level is High.
23
LPF_TXQ-
Negative output of the transmit Low pass filter, quadrature channel. AC coupling is required. Normally connects to
the inverting input of the quadrature Modulator (Mod_TXQ-), pin 40.
24
LPF_TXQ+
Positive output of the transmit Low pass filter, quadrature channel. AC coupling is required. Normally connects to
the non inverting input of the quadrature Modulator (Mod_TXQ+), pin 39.
25
LPF_TXI-
Negative output of the transmit Low pass filter, in phase channel. AC coupling is required. Normally connects to
the inverting input of the in phase Modulator (Mod_TXI-), pin 38.
26
LPF_TXI+
Positive output of the transmit Low pass filter, in phase channel. AC coupling is required. Normally connects to the
non inverting input of the in phase Modulator (Mod_TXI+), pin 37.
27
LPF_RXQ-
Low pass filter inverting input of the receive quadrature channel. AC coupling is required. This input is normally
coupled to the negative output of the quadrature demodulator (Mod_RXQ-), pin 36.
28
LPF_RXQ+
Low pass filter non inverting input of the receive quadrature channel. AC coupling is required. This input is normally
coupled to the positive output of the quadrature demodulator (Mod_RXQ+), pin 35.
29
LPF_RXI-
Low pass filter inverting input of the receive in phase channel. AC coupling is required. This input is normally
coupled to the negative output of the in phase demodulator (Mod_RXI-), pin 34.
30
LPF_RXI+
Low pass filter non inverting input of the receive in phase channel. AC coupling is required. This input is normally
coupled to the positive output of the in phase demodulator (Mod_RXI-), pin 33.
31, 32
GND
Ground. Connect to a solid ground plane.
HFA3724


Similar Part No. - HFA3724

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726IN INTERSIL-HFA3726IN Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726IN96 INTERSIL-HFA3726IN96 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
More results

Similar Description - HFA3724

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
Intersil Corporation
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com