Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3663IA Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA3663IA
Description  2.3GHz UpConverter with Gain Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3663IA Datasheet(HTML) 1 Page - Intersil Corporation

  HFA3663IA Datasheet HTML 1Page - Intersil Corporation HFA3663IA Datasheet HTML 2Page - Intersil Corporation HFA3663IA Datasheet HTML 3Page - Intersil Corporation HFA3663IA Datasheet HTML 4Page - Intersil Corporation HFA3663IA Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2-201
HFA3663
2.3GHz UpConverter with Gain Control
The HFA3663 UpConverter with Gain
Control is a monolithic bipolar device
for up conversion applications in the
2.0GHz to 2.3GHz range.
Manufactured in the Intersil UHF1X
process, the device consists of a double balanced mixer
followed by a variable gain power preamp. An energy saving,
TTL Compatible, power enable input provides on/off bias
current control to the mixer and amplifier. The device
requires low drive levels from the local oscillator and is
housed in a small outline 20 lead SSOP package ideally
suited for PCMCIA card applications.
Features
• RF Frequency Range . . . . . . . . . . . . . . 2.0GHz to 2.3GHz
• IF Operation . . . . . . . . . . . . . . . . . . . . . 10MHz to 400MHz
• Gain Control Range . . . . . . . . . . . . . . . . . . . . . . . . . .20dB
• Single Supply Operation. . . . . . . . . . . . . . . . . 2.7V to 5.5V
• High Output 1dB Compression. . . . . . . . . . . . . . . . . 6dBm
• High Power Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . .18dB
• Power Enable/Disable Control
Applications
• Wireless Local Loop Systems
• PCMCIA Wireless Transceiver
• Wireless Local Area Network Modems
• CDMA/TDMA Packet Protocol Radios
• Full Duplex Transceivers
• Portable Battery Powered Equipment
Pinout
HFA3663
TOP VIEW
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HFA3663IA
-40 to 85
20 Ld SSOP
M20.15
HFA3663IA96
-40 to 85
Tape and Reel
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
PRE_VCC3
GND
PRE_OUT
GND
PRE_VCC2
GND
GND
BIAS_VCC
PRE_IN
PRE_VCC1
TX_PE
LO_IN
GND
IF_IN
LO_BY
IF_BY
GND
TXM_RF
MIX_VCC
AGC_CTRL
POWER CONTROL TRUTH TABLE
STATE
TX_PE
Power Down - Energy Saving Mode
Low
Transmit Mode
High
LO_IN
IF_IN
PRE_OUT
PRE_IN
TXM_RF
AGC_CTRL
IF_BY
AGC CONTROL
BIAS
TX_PE
PRE_VCC3
PRE_VCC2
PRE_VCC1
BIAS_VCC
LO_BY
Data Sheet
January 1999
File Number
4241.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
PRISM® is a registered trademark of Intersil Corporation. PRISM logo is a trademark of Intersil Corporation.


Similar Part No. - HFA3663IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3661 INTERSIL-HFA3661 Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HFA3661IA INTERSIL-HFA3661IA Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HFA3661IA INTERSIL-HFA3661IA Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HFA3661IA96 INTERSIL-HFA3661IA96 Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HFA3661IA96 INTERSIL-HFA3661IA96 Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
More results

Similar Description - HFA3663IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3664 INTERSIL-HFA3664 Datasheet
49Kb / 5P
   2.7GHz UpConverter with Gain Control
April 1999
HFA3667 INTERSIL-HFA3667 Datasheet
189Kb / 6P
   CDMA/AMPS, UpConverter with Gain Control
logo
Maxim Integrated Produc...
MAX2383 MAXIM-MAX2383 Datasheet
174Kb / 8P
   W-CDMA Upconverter and PA Driver with Power Control
Rev 1; 8/03
logo
Analog Devices
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
   VGA with Gain Control Range
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
   VGA with Gain Control Range
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
Texas Instruments
TCM37C14A TI-TCM37C14A Datasheet
351Kb / 23P
[Old version datasheet]   PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
logo
Sanyo Semicon Device
LA7795T SANYO-LA7795T Datasheet
184Kb / 8P
   AGC Amplifier with Step Gain Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com