Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3624IA Datasheet(PDF) 3 Page - Intersil Corporation

Part # HFA3624IA
Description  2.4GHz Up/Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3624IA Datasheet(HTML) 3 Page - Intersil Corporation

  HFA3624IA Datasheet HTML 1Page - Intersil Corporation HFA3624IA Datasheet HTML 2Page - Intersil Corporation HFA3624IA Datasheet HTML 3Page - Intersil Corporation HFA3624IA Datasheet HTML 4Page - Intersil Corporation HFA3624IA Datasheet HTML 5Page - Intersil Corporation HFA3624IA Datasheet HTML 6Page - Intersil Corporation HFA3624IA Datasheet HTML 7Page - Intersil Corporation HFA3624IA Datasheet HTML 8Page - Intersil Corporation HFA3624IA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2-29
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Voltage on Any Other Pin. . . . . . . . . . . . . . . . . . . -0.3 to VCC +0.3V
Operating Conditions
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . -40oC
≤ TA ≤ 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
28 Lead Plastic SSOP . . . . . . . . . . . . . . . . . . . . . . .
88
Package Power Dissipation at 70oC
28 Lead Plastic SSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . .-65oC
≤ TA ≤ 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VCC = +2.7V, LO = 2170MHz, IF = 280MHz, RF = 2450MHz, ZO =50Ω,
Unless Otherwise Specified
PARAMETER
SYMBOL
TEMP (oC)
MIN
TYP
MAX
UNITS
LO INPUT CHARACTERISTICS (LO_IN = 2170MHz/-3dBm, RSLO = 50Ω, tested in both RX and TX modes, all unused inputs and
outputs are terminated into 50
Ω)
LO Input Frequency Range
LO_f
25
2.0
-
2.49
GHz
LO Input Drive Level
LO_dr
25
-6
-3
3
dBm
LO Input VSWR
LO_SWR
Full
-
1.5
2.0:1
-
RECEIVE LNA CHARACTERISTICS
(LNA_RX_IN = 2450MHz/-25dBm, RS = RL = 50
Ω, Receive Mode)
Receive LNA Frequency Range
LNA_f
25
2.4
-
2.5
GHz
LNA Noise Figure
LNA_NF
25
-
3.5
-
dB
LNA Power Gain
LNA_PG
Full
13.5
15.5
-
dB
LNA Reverse Isolation (Source = 2450MHz/-25dBm)
LNA_ISO
25
-
30
-
dB
LNA Output 3rd Order Intercept
(LNA_RX_IN = 2449.9MHz, 2450.1MHz / -35dBm)
LNA_IP3
25
-
18
-
dBm
LNA Output 1dB Compression
LNA_P1D
25
-
5.5
-
dBm
LNA Input VSWR
LNA_ISWR
Full
-
1.85:1
2.2:1
-
LNA Input Return Loss
LNA_IRL
Full
-
10.5
8.5
dB
LNA Output VSWR
LNA_OSWR
Full
-
1.6
2.0:1
-
LNA Output Return Loss
LNA_ORL
Full
-
12.7
9.5
dB
RECEIVE MIXER CHARACTERISTICS (LO_IN = 2170MHz/-3dBm, RXM_RF = 2450MHz/-25dBm, RSLO = 50Ω, RSRF = 50Ω,
RLIF = 50Ω with external matching network (Note 2), Receive Mode)
Mixer RF Frequency Range
RXM_RFf
25
2.4
-
2.5
GHz
Mixer IF Frequency Range
RXM_IFf
25
10
-
400
MHz
SSB Noise Figure (Note 3)
RXM_NF
25
-
15
-
dB
Mixer Power Conversion Gain (Note 2)
RXM_PG
25
4
6
-
dB
85
3
-
-
dB
Mixer IF Output 3rd Order Intercept
(RXM_RF = 2449.9MHz, 2450.1MHz/-30dBm)
RXM_IP3
25
-
4.0
-
dBm
Mixer IF Output 1dB Compression
RXM_P1D
25
-
-5
-
dBm
Mixer RF Input VSWR (2.4GHz to 2.5GHz)
RXM_SWR
25
-
1.5:1
2.0:1
-
Mixer RF Input Return Loss
RXM_IRL
25
-
14.0
9.5
dB
IF Open Collector Output Resistance (IF = 280MHz)
RXM_ROUT
25
-
1.5
-
k
IF Open Collector Output Capacitance
RXM_COUT
25
-
0.4
-
pF
HFA3624


Similar Part No. - HFA3624IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
   Low-Noise Amplifier/Mixer
May 1999
HFA3600 INTERSIL-HFA3600 Datasheet
543Kb / 16P
   Low-Noise Amplifier/Mixer
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
   Low-Noise Amplifier/Mixer
August 2002
logo
Intersil Corporation
HFA3600IB INTERSIL-HFA3600IB Datasheet
430Kb / 16P
   Low-Noise Amplifier/Mixer
May 1999
HFA3600IB INTERSIL-HFA3600IB Datasheet
543Kb / 16P
   Low-Noise Amplifier/Mixer
More results

Similar Description - HFA3624IA

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Sanyo Semicon Device
LV5256GP SANYO-LV5256GP_09 Datasheet
140Kb / 9P
   Operating Mode Switching Type Step-Up/Down Converter
logo
NXP Semiconductors
TEA1211HN PHILIPS-TEA1211HN Datasheet
125Kb / 23P
   High efficiency auto-up/down DC/DC converter
2003 Oct 13
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
Peregrine Semiconductor
PE128300 PSEMI-PE128300 Datasheet
147Kb / 3P
   Dual-channel Up-Down Converter, 24.25–29.50 GHz
05/2022
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
ISL3685 INTERSIL-ISL3685 Datasheet
199Kb / 19P
   2.4GHz RF/IF Converter and Synthesizer
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672_V01 Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com