Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3135 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HFA3135
Description  Ultra High Frequency Matched Pair Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3135 Datasheet(HTML) 3 Page - Intersil Corporation

  HFA3135 Datasheet HTML 1Page - Intersil Corporation HFA3135 Datasheet HTML 2Page - Intersil Corporation HFA3135 Datasheet HTML 3Page - Intersil Corporation HFA3135 Datasheet HTML 4Page - Intersil Corporation HFA3135 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4-452
DYNAMIC CHARACTERISTICS FOR HFA3134 (NPN)
Noise Figure
NF
f = 1.0GHz, IC = 10mA,
1V
≤ VCE ≤ 5V, ZS = 50Ω
B
-
2.4
-
dB
f = 1.0GHz, IC = 1mA,
1V
≤ VCE ≤ 5V, ZS = 50Ω
B
-
2.6
-
dB
Current Gain-Bandwidth Product
(Note 5)
fT
IC = 10mA, VCE = 5V
B
-
8.5
-
GHz
IC = 1mA, VCE = 5V
B
-
3
-
GHz
Power Gain-Bandwidth Product
fMAX
IC = 10mA, VCE = 5V
B
-
7.5
-
GHz
Base-to-Emitter Capacitance
VBE = -0.5V
B
-
600
-
fF
Collector-to-Base Capacitance
VCB = 3V
B
-
500
-
fF
Electrical Specifications
TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
TEST
LEVEL
(NOTE 3)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS FOR HFA3135 (PNP)
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC = -10µA, IE = 0
A
12
21
-
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC = -100µA, IB = 0
A
4
14
-
V
V(BR)CER
IC = -100µA, RB = 10kΩ
A11
23
-
V
Emitter-to-Base Breakdown Voltage (Note 4)
V(BR)EBO
IE = -10µA, IC = 0
B
-
5
-
V
Collector-Cutoff-Current
ICEO
VCE = -6V, IB = 0
A
-5
-
5
nA
Collector-Cutoff-Current
ICBO
VCB = -8V, IE = 0
A
-5
-
5
nA
Emitter-Cutoff-Current
IEBO
VEB = -1V, IC = 0
B
-
TBD
-
pA
Collector-to-Collector Leakage
B
-
1
-
nA
Collector-to-Emitter Saturation Voltage
VCE(SAT)
IC = -10mA, IB = -1mA
A
-
150
250
mV
Base-to-Emitter Voltage
VBE
IC = -10mA, VCE = -2V
A
-
850
1000
mV
Q1 to Q2 Base-to-Emitter Voltage Match
∆VBE
IC = -10mA, VCE = -2V
A
-
1
6
mV
IC = -1mA, VCE = -2V
A
-
1
6
mV
IC = -0.1mA, VCE = -2V
A
-
2
6
mV
DC Forward-Current Transfer Ratio
hFE
IC = -10mA, VCE = -2V
A
15
40
125
IC = -1mA, VCE = -2V
A
15
47
125
IC = -0.1mA, VCE = -2V
A
15
52
125
IC = -10mA, VCE = -5V
A
15
47
125
IC = -1mA, VCE = -5V
A
15
53
125
IC = -0.1mA, VCE = -5V
A
15
57
125
Q1 to Q2 Current Gain Match
∆hFE
-1mA
≤ IC ≤ -10mA,
-1V
≤ VCE ≤ -5V
A-
1
8
%
Early Voltage
VA
IC = -1mA, ∆VCE = -3V
A
15
24
-
V
Base-to-Emitter Voltage Drift
IC = -10mA
C
-
-1.4
-
mV/oC
Electrical Specifications
TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
TEST
LEVEL
(NOTE 3)
MIN
TYP
MAX
UNITS
HFA3134, HFA3135


Similar Part No. - HFA3135

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3135 INTERSIL-HFA3135 Datasheet
177Kb / 5P
   Ultra High Frequency Matched Pair Transistors
HFA3135IH96 INTERSIL-HFA3135IH96 Datasheet
177Kb / 5P
   Ultra High Frequency Matched Pair Transistors
logo
Renesas Technology Corp
HFA3135IH96 RENESAS-HFA3135IH96 Datasheet
325Kb / 5P
   Ultra High Frequency Matched Pair Transistors
logo
Intersil Corporation
HFA3135IHZ96 INTERSIL-HFA3135IHZ96 Datasheet
177Kb / 5P
   Ultra High Frequency Matched Pair Transistors
logo
Renesas Technology Corp
HFA3135IHZ96 RENESAS-HFA3135IHZ96 Datasheet
325Kb / 5P
   Ultra High Frequency Matched Pair Transistors
More results

Similar Description - HFA3135

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA3134 RENESAS-HFA3134 Datasheet
325Kb / 5P
   Ultra High Frequency Matched Pair Transistors
logo
Intersil Corporation
HFA3134 INTERSIL-HFA3134_05 Datasheet
177Kb / 5P
   Ultra High Frequency Matched Pair Transistors
logo
FutureWafer Tech Co.,Lt...
MMBT3904 FUTUREWAFER-MMBT3904 Datasheet
1Mb / 9P
   40V Matched Pair NPN Small Signal Transistors
05-Apr-2021 V2.0
MMBT3906 FUTUREWAFER-MMBT3906 Datasheet
1Mb / 14P
   40V Matched Pair PNP Small Signal Transistors
20-DEC-2021 V 2.1
2SC3838 FUTUREWAFER-2SC3838 Datasheet
1Mb / 9P
   20V Matched Pair NPN Small Signal Transistors
27-NOV-2021 V 2.0
logo
Solid States Devices, I...
SDR047-01 SSDI-SDR047-01 Datasheet
113Kb / 2P
   Vf MATCHED HIGH VOLTAGE RECTIFIER PAIR
RC0041B SSDI-RC0041B_15 Datasheet
113Kb / 2P
   Vf MATCHED HIGH VOLTAGE RECTIFIER PAIR
logo
List of Unclassifed Man...
H23B1 ETC-H23B1 Datasheet
96Kb / 2P
   MATCHED EMITTER DETECTOR PAIR
logo
JSC ALFA.
AS394CH ALFA-AS394CH Datasheet
362Kb / 4P
   Matched NPN transistor pair
logo
Advanced Linear Devices
ALD212900 ALD-ALD212900 Datasheet
110Kb / 12P
   DUAL HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com