Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX6KMJ-3 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FX6KMJ-3
Description  HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FX6KMJ-3 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FX6KMJ-3 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FX6KMJ-3 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FX6KMJ-3 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FX6KMJ-3 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
MITSUBISHI Pch POWER MOSFET
FX6KMJ-3
HIGH-SPEED SWITCHING USE
–100
–101
–2 –3
–5 –7
–2 –3
–5 –7
–102
102
103
2
3
5
7
2
3
3
5
7
Ciss
Coss
Crss
TCh = 25°C
f = 1MHZ
VGS = 0V
0
0.2
0.4
0.6
0.8
1.0
–10–1 –2
–100
–3 –5 –7
–2
–101
–3 –5 –7
–2
–102
–3 –5 –7
VGS = –4V
–10V
TC = 25°C
Pulse Test
–10–1
–100
–2 –3
–5 –7
–2 –3
–5 –7
–7
100
2
3
5
7
101
2
3
5
7
2
TC = 25°C
125°C
75°C
VDS = –10V
Pulse Test
–10–1
–100
–2 –3
–5 –7
–2 –3
–5 –7
–7
102
2
3
5
7
103
2
3
5
7
101
td(off)
td(on)
tf
tr
TCh = 25°C
VDD = –80V
VGS = –10V
RGEN = RGS = 50
0
–4
–8
–12
–16
–20
0
–2–4–6–8
–10
–6A
–3A
ID = –12A
TC = 25°C
Pulse Test
0
–4
–8
–12
–16
–20
0
–2–4–6–8
–10
TC = 25°C
VDS = –10V
Pulse Test
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)


Similar Part No. - FX6KMJ-3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6KMJ-3 RENESAS-FX6KMJ-3 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6KMJ-3-A8 RENESAS-FX6KMJ-3-A8 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results

Similar Description - FX6KMJ-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com