Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7206L35LB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7206L35LB
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7206L35LB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7206L35LB Datasheet HTML 1Page - Integrated Device Technology IDT7206L35LB Datasheet HTML 2Page - Integrated Device Technology IDT7206L35LB Datasheet HTML 3Page - Integrated Device Technology IDT7206L35LB Datasheet HTML 4Page - Integrated Device Technology IDT7206L35LB Datasheet HTML 5Page - Integrated Device Technology IDT7206L35LB Datasheet HTML 6Page - Integrated Device Technology IDT7206L35LB Datasheet HTML 7Page - Integrated Device Technology IDT7206L35LB Datasheet HTML 8Page - Integrated Device Technology IDT7206L35LB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DECEMBER 1996
©1996 Integrated Device Technology, Inc.
DSC-2661/9
5.04
1
FEATURES:
• First-In/First-Out Dual-Port memory
• 2048 x 9 organization (IDT7203)
• 4096 x 9 organization (IDT7204)
• 8192 x 9 organization (IDT7205)
• 16384 x 9 organization (IDT7206)
• High-speed: 12ns access time
• Low power consumption
— Active: 770mW (max.)
— Power-down: 44mW (max.)
• Asynchronous and simultaneous read and write
• Fully expandable in both word depth and width
• Pin and functionally compatible with IDT720X family
• Status Flags: Empty, Half-Full, Full
• Retransmit capability
• High-performance CMOS technology
• Military product compliant to MIL-STD-883, Class B
• Standard Military Drawing for #5962-88669 (IDT7203),
5962-89567 (IDT7203), and 5962-89568 (IDT7204) are
listed on this function
Industrial temperature range (-40oC to +85oC) is avail-
able, tested to military electrical specifications
.
The IDT logo is a registered trademark of Integrated Device Techology, Inc.
IDT7203
IDT7204
IDT7205
IDT7206
DESCRIPTION:
The IDT7203/7204/7205/7206 are dual-port memory buff-
ers with internal pointers that load and empty data on a first-
in/first-out basis. The device uses Full and Empty flags to
prevent data overflow and underflow and expansion logic to
allow for unlimited expansion capability in both word size and
depth.
Data is toggled in and out of the device through the use of
the Write (
W) and Read (R) pins.
The devices 9-bit width provides a bit for a control or parity
at the user’s option. It also features a Retransmit (
RT) capa-
bility that allows the read pointer to be reset to its initial position
when
RT is pulsed LOW. A Half-Full Flag is available in the
single device and width expansion modes.
The IDT7203/7204/7205/7206 are fabricated using IDT’s
high-speed CMOS technology. They are designed for appli-
cations requiring asynchronous and simultaneous read/writes
in multiprocessing, rate buffering, and other applications.
Military grade product is manufactured in compliance with
the latest revision of MIL-STD-883, Class B.
CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9,
8192 x 9 and 16384 x 9
W
WRITE
CONTROL
READ
CONTROL
R
FLAG
LOGIC
EXPANSION
LOGIC
XI
WRITE
POINTER
RAM ARRAY
2048 x 9
4096 x 9
8192 x 9
16384 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA OUTPUTS
EF
FF
XO/HF
RS
FL/RT
0
(D –D8)
0
(Q
–Q8 )
2661 drw 01
FUNCTIONAL BLOCK DIAGRAM
For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.


Similar Part No. - IDT7206L35LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7206L35LG IDT-IDT7206L35LG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT7206L35LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com