Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5023EVAL Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA5023EVAL
Description  Dual, 400MHz, Low Power, Video Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5023EVAL Datasheet(HTML) 2 Page - Intersil Corporation

  HA5023EVAL Datasheet HTML 1Page - Intersil Corporation HA5023EVAL Datasheet HTML 2Page - Intersil Corporation HA5023EVAL Datasheet HTML 3Page - Intersil Corporation HA5023EVAL Datasheet HTML 4Page - Intersil Corporation HA5023EVAL Datasheet HTML 5Page - Intersil Corporation HA5023EVAL Datasheet HTML 6Page - Intersil Corporation HA5023EVAL Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8V
Output Current (Note 2) . . . . . . . . . . . . . . . . .Short Circuit Protected
30mA Continuous
60mA
50% Duty Cycle
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . .600V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
130
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
160
Maximum Junction Temperature (Die Only) . . . . . . . . . . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however continuous (100% duty cycle) output
current must not exceed 30mA for maximum reliability.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 560Ω, RL = 100Ω, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage
A
25
-
2
5
mV
A
Full
-
3
8
mV
Average Input Offset Voltage Drift
B
Full
-
1
10
µV/ oC
Input Offset Voltage
Common-Mode Rejection Ratio
∆VCM = ±1.8V
A
25
45
48
-
dB
∆VCM = ±1.8V
A
85
43
46
-
dB
∆VCM = ±1.2V
A
-40
43
46
-
dB
Input Offset Voltage
Power Supply Rejection Ratio
∆VPS = ±1.8V
A
25
48
52
-
dB
∆VPS = ±1.8V
A
85
46
50
-
dB
∆VPS = ±1.2V
A
-40
46
50
-
dB
Non-Inverting Input Bias Current
A
25
-
6
15
µA
A
Full
-
10
25
µA
Non-Inverting Input Bias Current Drift
B
Full
-
5
60
nA/oC
Non-Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.8V
A
25
-
0.5
1
µA/V
∆VPS = ±1.8V
A
85
-
0.8
3
µA/V
∆VPS = ±1.2V
A
-40
-
0.8
3
µA/V
Non-Inverting Input Resistance
∆VCM = ±1.8V
A
25
0.8
2
-
M
∆VCM = ±1.8V
A
85
0.5
1.3
-
M
∆VCM = ±1.2V
A
-40
0.5
1.3
-
M
Inverting Input Bias Current
A
25
-
2
8.5
µA
A
Full
-
5
15
µA
Inverting Input Bias Current Drift
B
Full
-
60
200
nA/oC
Inverting Input Bias Current
Common-Mode Sensitivity
∆VCM = ±1.8V
A
25
-
3
6
µA/V
∆VCM = ±1.8V
A
85
-
4
8
µA/ V
∆VCM = ±1.2V
A
-40
-
4
8
µA/V
HFA1205


Similar Part No. - HA5023EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5023EVAL INTERSIL-HA5023EVAL Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5023EVAL INTERSIL-HA5023EVAL Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5023EVAL INTERSIL-HA5023EVAL Datasheet
557Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
logo
Renesas Technology Corp
HA5023EVAL RENESAS-HA5023EVAL Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
More results

Similar Description - HA5023EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205_04 Datasheet
557Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
logo
Renesas Technology Corp
HFA1205 RENESAS-HFA1205 Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
logo
New Japan Radio
NJM41045 NJRC-NJM41045 Datasheet
235Kb / 8P
   400MHz 3-channel Video Amplifier
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com