Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1149EVAL Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA1149EVAL
Description  450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1149EVAL Datasheet(HTML) 1 Page - Intersil Corporation

  HFA1149EVAL Datasheet HTML 1Page - Intersil Corporation HFA1149EVAL Datasheet HTML 2Page - Intersil Corporation HFA1149EVAL Datasheet HTML 3Page - Intersil Corporation HFA1149EVAL Datasheet HTML 4Page - Intersil Corporation HFA1149EVAL Datasheet HTML 5Page - Intersil Corporation HFA1149EVAL Datasheet HTML 6Page - Intersil Corporation HFA1149EVAL Datasheet HTML 7Page - Intersil Corporation HFA1149EVAL Datasheet HTML 8Page - Intersil Corporation HFA1149EVAL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
TM
File Number
4304.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
HFA1149
450MHz, Low Power, Video Operational
Amplifier with Programmable Output
Disable
The HFA1149 is a high speed, low power, current feedback
amplifier built with Intersil’s proprietary complementary
bipolar UHF-1 process. This amplifier features a unique
combination of power and performance specifically tailored
for video applications.
The HFA1149 incorporates an output disable pin which is
TTL/CMOS compatible, and user programmable for polarity
(active high or low). This feature eliminates the inverter
required between amplifiers in multiplexer configurations.
The ultra-fast (12ns/20ns) disable/enable times make the
HFA1149 the obvious choice for pixel switching and other
high speed multiplexing applications. The HFA1149 is a high
performance, pin compatible upgrade for the popular HA-5020
and HFA1145, as well as the CLC410.
For a comparably performing op amp without an output
disable, please refer to the HFA1109 data sheet.
Pinout
HFA1149
(SOIC)
TOP VIEW
Features
• Wide - 3dB Bandwidth (AV = +2) . . . . . . . . . . . . . 450MHz
• Gain Flatness (To 250MHz) . . . . . . . . . . . . . . . . . . . 0.8dB
• Very Fast Slew Rate (AV = +2) . . . . . . . . . . . . . . 1100V/µs
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . 1.7M
• Differential Gain/Phase. . . . . . . . . . . 0.02%/0.02 Degrees
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
• Fast Output Disable/Enable . . . . . . . . . . . . . . . 12ns/20ns
Applications
• Professional Video Processing
• Video Switchers and Routers
• Medical Imaging
• PC Multimedia Systems
• Video Pixel Switching
• Video Distribution Amplifiers
• Flash Converter Drivers
• Radar/IF Processing
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HFA1149IB
(H1149)
-40 to 85
8 Ld SOIC
M8.15
HFA11XXEVAL
DIP Evaluation Board for High Speed
Op Amps
THRESHOLD SET
-IN
+IN
V-
1
2
3
4
8
7
6
5
DIS / DIS
V+
OUT
+
-
POLARITY SET
HFA1149 PIN DESCRIPTIONS
PIN NAME
DESCRIPTION
Threshold Set
Optional Logic Threshold Set. Maintains disable
pin TTL compatibility with asymmetrical supplies
(e.g., +10V, 0V).
Polarity Set
Defines Polarity of Disable Input. High or floating
selects active low disable (i.e., DIS).
DIS/DIS
TTL Compatible Disable Input. Output is driven to
a true Hi-Z state when active. Polarity depends on
state of Polarity Set Pin.
HFA1149 DISABLE FUNCTIONALITY
POLARITY SET
(PIN 5)
DISABLE (PIN 8)
OUTPUT (PIN 6)
High or Float
High or Float
Enabled
High or Float
Low
Disabled
Low
High or Float
Disabled
Low
Low
Enabled
Data Sheet
June 2000


Similar Part No. - HFA1149EVAL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
logo
Intersil Corporation
HFA1149IB INTERSIL-HFA1149IB Datasheet
349Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
logo
Renesas Technology Corp
HFA1149IB RENESAS-HFA1149IB Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
logo
Intersil Corporation
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
More results

Similar Description - HFA1149EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
logo
Renesas Technology Corp
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com