Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4350T-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PBSS4350T-3
Description  NPN Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PBSS4350T-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  PBSS4350T-3_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PBSS4350T-3_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd PBSS4350T-3_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd PBSS4350T-3_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd PBSS4350T-3_15 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
PBSS4350T (KBSS4350T)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
50
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
50
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
VCB= 50 V , IE= 0
0.1
VCB= 50 V , IE= 0 ,TJ = 150℃
50
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
IC=500 mA, IB=50mA
80
IC=1 A, IB=50mA
160
IC=2 A, IB=100mA (Note.1)
280
IC=2 A, IB=200mA (Note.1)
260
IC=3 A, IB=300mA (Note.1)
370
IC=2 A, IB=100mA (Note.1)
1.1
IC=3 A, IB=300mA (Note.1)
1.2
Base - emitter turn on voltage
VBE(on) VCE= 2V, IC= 1 A (Note.1)
1.2
Equivalent on-resistance
RCE(sat) IC=2 A, IB=200mA (Note.1)
130
VCE= 2V, IC= 100mA
300
VCE= 2V, IC= 500mA
300
VCE= 2V, IC= 1 A (Note.1)
300
VCE= 2V, IC= 2 A (Note.1)
200
VCE= 2V, IC= 3 A (Note.1)
100
Collector output capacitance
Cob
VCB= 10V, IE=Ie=0,f=1MHz
25
pF
Transition frequency
fT
VCE= 5V, IC= 100mA,f=100MHz
100
MHz
VBE(sat)
mV
V
DC current gain
hFE
V
uA
Collector-base cut-off current
ICBO
Collector-emitter saturation voltage
VCE(sat)
Base - emitter saturation voltage
Note.1: Pulse test: tp ≤ 300 us; δ ≤ 0.02.
Marking
Marking
ZC*


Similar Part No. - PBSS4350T-3_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4350T-Q NEXPERIA-PBSS4350T-Q Datasheet
230Kb / 12P
   50 V; 3 A NPN low VCEsat transistor
10 May 2022
More results

Similar Description - PBSS4350T-3_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com