Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS306NX Datasheet(PDF) 6 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PBSS306NX
Description  NPN Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PBSS306NX Datasheet(HTML) 6 Page - Guangdong Kexin Industrial Co.,Ltd

  PBSS306NX_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PBSS306NX_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd PBSS306NX_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd PBSS306NX_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd PBSS306NX_15 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd PBSS306NX_15 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMD Type
www.kexin.com.cn
6
Transistors
NPN Transistors
PBSS306NX (KBSS306NX)
Typical Characterisitics
Fig 13. BISS transistor switching time definition
VCC = 12.5 V; IC = 3 A; IBon = 0.15 A; IBoff = −0.15 A
Fig 14. Test circuit for switching times
IBon (100 %)
IB
input pulse
(idealized waveform)
IBoff
90 %
10 %
IC (100 %)
IC
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
RC
R2
R1
DUT
Vo
RB
(probe)
450 Ω
(probe)
450 Ω
oscilloscope
oscilloscope
VBB
VI
VCC


Similar Part No. - PBSS306NX_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS306NX PHILIPS-PBSS306NX Datasheet
155Kb / 15P
   100 V, 4.5 A NPN low VCEsat (BISS) transistor
Rev. 01-21 August 2006
logo
Nexperia B.V. All right...
PBSS306NX NEXPERIA-PBSS306NX Datasheet
333Kb / 16P
   100 V, 4.5 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
More results

Similar Description - PBSS306NX_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com