Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA45 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBTA45
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBTA45 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBTA45 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBTA45 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
MMBTA45 (KMBTA45)
Features
High Collector-Emitter Voltage
Complement to MMBTA93
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
400
Collector - Emitter Voltage
VCEO
350
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
200
Collector Current -Pulsed
ICM
300
Collector Power Dissipation
PC
350
mW
Thermal Resistance From Junction To Ambient
RθJA
357
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
mA
Electrical Characteristics Ta = 25℃
*1: Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
400
Collector- emitter breakdown voltage
*1
VCEO
Ic= 1 mA, IB= 0
350
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 400 V , IE= 0
100
Emitter cut-off current
IEBO
VEB= 4V , IC=0
100
VCE(sat)1 IC=10 mA, IB=1mA
0.2
VCE(sat)2 IC=50 mA, IB=5mA
0.3
Base - emitter saturation voltage *1
VBE(sat) IC=10 mA, IB=1mA
0.75
hFE(1)
VCE= 10V, IC= 1mA
50
hFE(2)
VCE= 10V, IC= 10mA
80
300
hFE(3)
VCE= 10V, IC= 50mA
40
hFE(4)
VCE= 10V, IC= 100mA
40
Collector output capacitance
Cob
VCB= 20V, IE= 0,f=1MHz
7
pF
Transition frequency
fT
VCE=20, IC= 10mA,f=30MHz
50
MHz
V
V
nA
Collector-emitter saturation voltage *1
DC current gain *1
Classification of hfe(2)
Type
MMBTA45
MMBTA45-L
Range
80-300
100-200
Marking
3D
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01


Similar Part No. - MMBTA45

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA45 UTC-MMBTA45 Datasheet
78Kb / 5P
   HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
MMBTA45 KEXIN-MMBTA45 Datasheet
1Mb / 2P
   NPN Transistors
logo
Shenzhen Luguang Electr...
MMBTA45 LUGUANG-MMBTA45 Datasheet
657Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
MMBTA45-3 KEXIN-MMBTA45-3_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
Unisonic Technologies
MMBTA45-AE3-R UTC-MMBTA45-AE3-R Datasheet
78Kb / 5P
   HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - MMBTA45

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com