Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA42W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBTA42W
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBTA42W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBTA42W_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBTA42W_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
Collector-emitter voltage VCE = 300V
Collector current IC = 500mA
NPN high voltage transistors
1 Base
2 Emitter
3 Collector
1
BASE
3
COLLECTOR
2
EMITTER
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
300
Collector - Emitter Voltage
VCEO
300
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
500
mA
Collector Power Dissipation
(Note.1)
PC
150
mW
Thermal resi stance from junct ion to ambient (Note.1)
RθJA
550
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-65 to 150
V
Note.1:Mounted on an FR4 PCB, single-sided copper, mini pad.
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
300
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
300
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 200 V , IE= 0
100
Emitter cut-off current
IEBO
VEB= 6V , IC=0
100
Collector-emitter saturation voltage
VCE(sat) IC=20 mA, IB=2mA
0.5
Base - emitter saturation voltage
VBE(sat) IC=20 mA, IB=2mA
0.9
hFE(1)
VCE= 10V, IC= 1mA
60
hFE(2)
VCE= 10V, IC= 10mA
100
hFE(3)
VCE= 10V, IC= 30mA
70
Collector output capacitance
Cob
VCB= 20V, IE= 0,f=1MHz
3
pF
Transition frequency
fT
VCE= 20V, IC= 10mA,f=100MHz
50
MHz
V
V
nA
DC current gain
Marking
Marking
1D
NPN Transistors
MMBTA42W (KMBTA42W)
200


Similar Part No. - MMBTA42W_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBTA42W SECOS-MMBTA42W_15 Datasheet
138Kb / 2P
   General Purpose Transistor
More results

Similar Description - MMBTA42W_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com