Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9851 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 3 Page - Analog Devices

  AD9851_15 Datasheet HTML 1Page - Analog Devices AD9851_15 Datasheet HTML 2Page - Analog Devices AD9851_15 Datasheet HTML 3Page - Analog Devices AD9851_15 Datasheet HTML 4Page - Analog Devices AD9851_15 Datasheet HTML 5Page - Analog Devices AD9851_15 Datasheet HTML 6Page - Analog Devices AD9851_15 Datasheet HTML 7Page - Analog Devices AD9851_15 Datasheet HTML 8Page - Analog Devices AD9851_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD9851
–3–
Test
AD9851BRS
Parameter
Temp
Level
Min
Typ
Max
Unit
TIMING CHARACTERISTICS4
tWH, tWL (W_CLK Min Pulse Width High/Low)
WL
WL
Full
IV
3.5
ns
tDS, tDH (Data to W_CLK Setup and Hold Times)
Full
IV
3.5
ns
tFH, tFL (FQ_UD Min Pulse Width High/Low)
FL
FL
Full
IV
7
ns
tCD (REFCLK Delay After FQ_UD)5
Full
IV
3.5
ns
tFD (FQ_UD Min Delay After W_CLK)
Full
IV
7
ns
tCF (Output Latency from FQ_UD)
Frequency Change
Full
IV
18
SYSCLK
Cycles
Phase Change
Full
IV
13
SYSCLK
Cycles
tRH (CLKIN Delay After RESET Rising Edge)
Full
IV
3.5
ns
tRL (RESET Falling Edge After CLKIN)
RL
RL
Full
IV
3.5
ns
tRR (Recovery from RESET)
RR
RR
Full
IV
2
SYSCLK
Cycles
tRS (Minimum RESET Width)
Full
IV
5
SYSCLK
Cycles
tOL (RESET Output Latency)
OL
OL
Full
IV
13
SYSCLK
Cycles
Wake-Up Time from Power-Down Mode6
25°C
V
5
µs
CMOS LOGIC INPUTS
Logic 1 Voltage, 5 V Supply
25°C
I
3.5
V
Logic 1 Voltage, 3.3 V Supply
25°C
IV
2.4
V
Logic 1 Voltage, 2.7 V Supply
25°C
IV
2.0
V
Logic 0 Voltage
25°C
IV
0.8
V
Logic 1 Current
25°C
I
12
µA
Logic 0 Current
25°C
I
12
µA
Rise/Fall Time
25°C
IV
100
ns
Input Capacitance
25°C
V
3
pF
POWER SUPPLY
VS6 Current @:
62.5 MHz Clock, 2.7 V Supply
25°C
VI
30
35
mA
100 MHz Clock, 2.7 V Supply
25°C
VI
40
50
mA
62.5 MHz Clock, 3.3 V Supply
25°C
VI
35
45
mA
125 MHz Clock, 3.3 V Supply
25°C
VI
55
70
mA
62.5 MHz Clock, 5 V Supply
25°C
VI
50
65
mA
125 MHz Clock, 5 V Supply
25°C
VI
70
90
mA
180 MHz Clock, 5 V Supply
25°C
VI
110
130
mA
Power Dissipation @ :
62.5 MHz Clock, 5 V Supply
25°C
VI
250
325
mW
62.5 MHz Clock, 3.3 V Supply
25°C
VI
115
150
mW
62.5 MHz Clock, 2.7 V Supply
25°C
VI
85
95
mW
100 MHz Clock, 2.7 V Supply
25°C
VI
110
135
mW
125 MHz Clock, 5 V Supply
25°C
VI
365
450
mW
125 MHz Clock, 3.3 V Supply
25°C
VI
180
230
mW
180 MHz Clock, 5 V Supply
25°C
VI
555
650
mW
PDISS Power-Down Mode @:
5 V Supply
25°C
VI
17
55
mW
2.7 V Supply
25°C
VI
4
20
mW
NOTES
1+VS collectively refers to the positive voltages applied to DVDD, PVCC, and AVDD.Voltages applied to these pins should be of the same potential.
2Indicates the minimum signal levels required to reliably clock the device at the indicated supply voltages.This specifies the p-p signal level and dc offset needed when the
clocking signal is not of CMOS/TTL origin, i.e., a sine wave with 0 V dc offset.
3The comparator’s jitter contribution to any input signal.This is the minimum jitter on the outputs that can be expected from an ideal input. Considerably more output
jitter is seen when nonideal input signals are presented to the comparator inputs. Nonideal characteristics include the presence of extraneous, nonharmonic signals (spur’s,
noise), slower slew rate, and low comparator overdrive.
4Timing of input signals FQ_UD,WCLK, RESET are asynchronous to the reference clock; however, the presence of a reference clock is required to implement those
functions. In the absence of a reference clock, the AD9851 automatically enters power-down mode rendering the IC, including the comparator, inoperable until a refer-
ence clock is restored.Very high speed updates of frequency/phase word will require FQ_UD and WCLK to be externally synchronized with the external reference clock to
ensure proper timing.
5Not applicable when 6 REFCLK Multiplier is engaged.
6Assumes no capacitive load on DACBP (Pin 17).
Specifications subject to change without notice.
REV. D


Similar Part No. - AD9851_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9851BRS AD-AD9851BRS Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRS AD-AD9851BRS Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRS AD-AD9851BRS Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSRL AD-AD9851BRSRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSRL AD-AD9851BRSRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
More results

Similar Description - AD9851_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851 AD-AD9851 Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRSZ AD-AD9851BRSZ Datasheet
749Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com