Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1113 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HFA1113
Description  850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1113 Datasheet(HTML) 2 Page - Intersil Corporation

  HFA1113 Datasheet HTML 1Page - Intersil Corporation HFA1113 Datasheet HTML 2Page - Intersil Corporation HFA1113 Datasheet HTML 3Page - Intersil Corporation HFA1113 Datasheet HTML 4Page - Intersil Corporation HFA1113 Datasheet HTML 5Page - Intersil Corporation HFA1113 Datasheet HTML 6Page - Intersil Corporation HFA1113 Datasheet HTML 7Page - Intersil Corporation HFA1113 Datasheet HTML 8Page - Intersil Corporation HFA1113 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Voltage at VH or VL Terminal . . . . . . . . . . . . . . (V+) + 2V to (V-) - 2V
Output Current (50% Duty Cycle) . . . . . . . . . . . . . . . . . . . . . . 60mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
158
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RL = 100Ω, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Output Offset Voltage
25
-
8
25
mV
Full
-
-
35
mV
Output Offset Voltage Drift
Full
-
10
-
µV/oC
PSRR
25
39
45
-
dB
Full
35
-
-
dB
Input Noise Voltage (Note 3)
100kHz
25
-
9
-
nV/
√Hz
+Input Noise Current (Note 3)
100kHz
25
-
37
-
pA/
√Hz
Non-Inverting Input Bias Current
25
-
25
40
µA
Full
-
-
65
µA
Non-Inverting Input Resistance
25
25
50
-
k
Inverting Input Resistance (Note 2)
25
240
300
360
Input Capacitance
25
-
2
-
pF
Input Common Mode Range
Full
±2.5
±2.8
-
V
TRANSFER CHARACTERISTICS
Gain
AV = +1, VIN = +2V
25
0.980
0.990
1.020
V/V
Full
0.975
-
1.025
V/V
AV = +2, VIN = +1V
25
1.96
1.98
2.04
V/V
Full
1.95
-
2.05
V/V
DC Non-Linearity (Note 3)
AV = +2, ±2V Full Scale
25
-
0.02
-
%
OUTPUT CHARACTERISTICS
Output Voltage (Note 3)
AV = -1
25
±3.0
±3.3
-
V
Full
±2.5
±3.0
-
V
Output Current (Note 3)
RL = 50Ω
25, 85
50
60
-
mA
-40
35
50
-
mA
Closed Loop Output Impedance
DC, AV = +2
25
-
0.3
-
POWER SUPPLY CHARACTERISTICS
Supply Voltage Range
Full
±4.5
-
±5.5
V
Supply Current (Note 3)
25
-
21
26
mA
Full
-
-
33
mA
HFA1113


Similar Part No. - HFA1113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113 Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
Intersil Corporation
HFA1113/883 INTERSIL-HFA1113/883 Datasheet
568Kb / 22P
   Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
   Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
HFA1113IB INTERSIL-HFA1113IB Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
More results

Similar Description - HFA1113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
Intersil Corporation
HFA1112IPZ INTERSIL-HFA1112IPZ Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112_05 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112IP INTERSIL-HFA1112IP Datasheet
484Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA-1112IP INTERSIL-HFA-1112IP Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112 Datasheet
243Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com