Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9846A Datasheet(PDF) 4 Page - Analog Devices

Part # AD9846A
Description  Complete 10-Bit 30 MSPS CCD Signal Processor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9846A Datasheet(HTML) 4 Page - Analog Devices

  AD9846A_15 Datasheet HTML 1Page - Analog Devices AD9846A_15 Datasheet HTML 2Page - Analog Devices AD9846A_15 Datasheet HTML 3Page - Analog Devices AD9846A_15 Datasheet HTML 4Page - Analog Devices AD9846A_15 Datasheet HTML 5Page - Analog Devices AD9846A_15 Datasheet HTML 6Page - Analog Devices AD9846A_15 Datasheet HTML 7Page - Analog Devices AD9846A_15 Datasheet HTML 8Page - Analog Devices AD9846A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. 0
–4–
AD9846A–SPECIFICATIONS
AUX1-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
POWER CONSUMPTION
82
mW
MAXIMUM CLOCK RATE
30
MHz
INPUT BUFFER
Gain
0dB
Max Input Range
1.0
V p-p
VGA
Max Output Range
2.0
V p-p
Gain Control Resolution
1023
Steps
Gain (Selected Using VGA Gain Register)
Min Gain
0
dB
Max Gain
36
dB
Specifications subject to change without notice.
AUX2-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
POWER CONSUMPTION
86
mW
MAXIMUM CLOCK RATE
30
MHz
INPUT BUFFER
(Same as AUX1-MODE)
VGA
Max Output Range
2.0
V p-p
Gain Control Resolution
512
Steps
Gain (Selected Using VGA Gain Register)
Min Gain
0
dB
Max Gain
18
dB
ACTIVE CLAMP
Clamp Level Resolution
256
Steps
Clamp Level (Measured at ADC Output)
Min Clamp Level
0
LSB
Max Clamp Level
63.75
LSB
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = 30 MHz, unless otherwise noted.)
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = 30 MHz, unless otherwise noted.)


Similar Part No. - AD9846A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9846AJST AD-AD9846AJST Datasheet
231Kb / 24P
   Complete 10-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9846AJSTRL AD-AD9846AJSTRL Datasheet
231Kb / 24P
   Complete 10-Bit 30 MSPS CCD Signal Processor
REV. 0
More results

Similar Description - AD9846A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9846A AD-AD9846A Datasheet
231Kb / 24P
   Complete 10-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9824 AD-AD9824_15 Datasheet
439Kb / 24P
   Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9824KCPZ AD-AD9824KCPZ Datasheet
387Kb / 24P
   Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845A AD-AD9845A Datasheet
252Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9824 AD-AD9824 Datasheet
438Kb / 24P
   Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com