Part Name
         Description
HFA1110

 750MHz, Low Distortion Unity Gain, Closed Loop Buffer ( 9 Page)


INTERSIL
100% 
Zoom Out Zoom In
   
 4 page
background image
4
Typical Performance Curves
VSUPPLY = ±5V, TA = 25
oC, R
L = 100Ω, Unless Otherwise Specified
FIGURE 1. SMALL SIGNAL PULSE RESPONSE
FIGURE 2. LARGE SIGNAL PULSE RESPONSE
FIGURE 3. FREQUENCY RESPONSE
FIGURE 4. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS
FIGURE 5. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 6. -3dB BANDWIDTH vs TEMPERATURE
TIME (5ns/DIV.)
120
80
40
0
-40
-80
-120
1.2
0.8
0.4
0
-0.4
-0.8
-1.2
TIME (5ns/DIV.)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
0
200M
400M
600M
800M
1G
FREQUENCY (Hz)
0
-45
-90
-135
-180
-225
-270
PHASE
VOUT = 200mVP-P
GAIN
VOUT = 200mVP-P
VOUT = 1VP-P
6
3
0
-3
-6
1M
10M
100M
1G
-360
-270
-180
-90
0
FREQUENCY (Hz)
RL = 1kΩ
RL = 100Ω
RL = 50Ω
RL = 1kΩ
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
1M
10M
100M
1G
FREQUENCY (Hz)
VOUT = 200mVP-P
VOUT = 2.5VP-P
VOUT = 4VP-P
890
870
850
830
810
790
770
750
730
TEMPERATURE (oC)
-50
-30
-10
10
30
50
70
90
110
130
710
HFA1110



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HFA1113850MHz Low Distortion Output Limiting Programmable Gain Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
HFA1115225MHz Low Power Output Limiting Closed Loop Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
HFA1112850MHz Low Distortion Programmable Gain Buffer Amplifiers 1 2 3 4 5 MoreIntersil Corporation
HFA1212Dual 350MHz Low Power Closed Loop Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
HFA1412Quad High Speed Low Power Video Closed Loop Buffer 1 2 3 4 Intersil Corporation
HFA1115883High Speed Low Power Output Limiting Closed Loop Buffer Amplifier 1 2 3 4 5 Intersil Corporation
HS-1212RHRadiation Hardened Dual High Speed Low Power Video Closed Loop Buffer 1 2 3 4 5 MoreIntersil Corporation
HFA1212883Dual High Speed Low Power Video Closed Loop Buffer 1 2 3 4 5 Intersil Corporation
HS-1412RHRadiation Hardened Quad High Speed Low Power Video Closed Loop Buffer 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl