Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9841A Datasheet(PDF) 2 Page - Analog Devices

Part # AD9841A
Description  Complete 20 MSPS CCD Signal Processors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9841A Datasheet(HTML) 2 Page - Analog Devices

  AD9841A_15 Datasheet HTML 1Page - Analog Devices AD9841A_15 Datasheet HTML 2Page - Analog Devices AD9841A_15 Datasheet HTML 3Page - Analog Devices AD9841A_15 Datasheet HTML 4Page - Analog Devices AD9841A_15 Datasheet HTML 5Page - Analog Devices AD9841A_15 Datasheet HTML 6Page - Analog Devices AD9841A_15 Datasheet HTML 7Page - Analog Devices AD9841A_15 Datasheet HTML 8Page - Analog Devices AD9841A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
REV. 0
–2–
AD9841A/AD9842A–SPECIFICATIONS
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
–20
+85
°C
Storage
–65
+150
°C
POWER SUPPLY VOLTAGE
Analog, Digital, Digital Driver
2.7
3.6
V
POWER CONSUMPTION
Normal Operation
(Specified Under Each Mode of Operation)
Power-Down Modes
Fast Recovery Mode
30
mW
Standby
5
mW
Total Power-Down
1
mW
MAXIMUM CLOCK RATE
20
MHz
A/D CONVERTER (AD9841A)
Resolution
10
Bits
Differential Nonlinearity (DNL)
±0.4
±1.0
LSB
No Missing Codes
10
Bits Guaranteed
Full-Scale Input Voltage
2.0
V
Data Output Coding
Straight Binary
A/D CONVERTER (AD9842A)
Resolution
12
Bits
Differential Nonlinearity (DNL)
±0.5
±1.0
LSB
No Missing Codes
12
Bits Guaranteed
Full-Scale Input Voltage
2.0
V
Data Output Coding
Straight Binary
VOLTAGE REFERENCE
Reference Top Voltage (VRT)
2.0
V
Reference Bottom Voltage (VRB)
1.0
V
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage, IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage, IOL = 2 mA
VOL
0.5
V
Specifications subject to change without notice.
(DRVDD = 2.7 V, CL = 20 pF unless otherwise noted.)
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = 20 MHz, unless otherwise noted.)


Similar Part No. - AD9841A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9841AJST AD-AD9841AJST Datasheet
272Kb / 23P
   Complete 20 MSPS CCD Signal Processors
REV. 0
More results

Similar Description - AD9841A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9841A AD-AD9841A Datasheet
272Kb / 23P
   Complete 20 MSPS CCD Signal Processors
REV. 0
AD9842A AD-AD9842A_15 Datasheet
292Kb / 23P
   Complete 20 MSPS CCD Signal Processors
REV. 0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
   Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A Datasheet
169Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9843A AD-AD9843A_15 Datasheet
162Kb / 16P
   Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9824 AD-AD9824_15 Datasheet
439Kb / 24P
   Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com