Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1120 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA1120
Description  850MHz, Low Distortion Current Feedback Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1120 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HFA1120 Datasheet HTML 2Page - Intersil Corporation HFA1120 Datasheet HTML 3Page - Intersil Corporation HFA1120 Datasheet HTML 4Page - Intersil Corporation HFA1120 Datasheet HTML 5Page - Intersil Corporation HFA1120 Datasheet HTML 6Page - Intersil Corporation HFA1120 Datasheet HTML 7Page - Intersil Corporation HFA1120 Datasheet HTML 8Page - Intersil Corporation HFA1120 Datasheet HTML 9Page - Intersil Corporation HFA1120 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FIGURE 5. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS
FIGURE 6. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS
FIGURE 7. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 8. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 9. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 10. -3dB BANDWIDTH vs TEMPERATURE
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25oC, RL = 100Ω, Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
6
3
0
-3
-6
0.3
1
10
100
1K
0
-90
-180
-270
-360
PHASE
GAIN
RL = 1kΩ
RL = 100Ω
RL = 50Ω
RL = 1kΩ
RL = 100Ω
RL = 1kΩ
RL = 50Ω
RL = 100Ω
AV = +1, VOUT = 200mVP-P
FREQUENCY (MHz)
PHASE
GAIN
3
0
-3
-6
0.3
1
10
100
1K
0
-90
-180
-270
-360
RL = 100Ω
RL = 1kΩ
RL = 50Ω
RL = 100Ω
RL = 1kΩ
RL = 50Ω
RL = 100Ω
RL = 1kΩ
AV = +2, VOUT = 200mVP-P
FREQUENCY (MHz)
20
10
0
-10
-20
0.3
1
10
100
1K
-30
0.160VP-P
0.500VP-P
0.920VP-P
1.63VP-P
AV = +1
FREQUENCY (MHz)
20
10
0
-10
-20
0.3
1
10
100
1K
-30
0.32VP-P
1.00VP-P
1.84VP-P
3.26VP-P
AV = +2
FREQUENCY (MHz)
20
10
0
-10
-20
0.3
1
10
100
1K
-30
3.89VP-P
0.96VP-P
TO
AV = +6
TEMPERATURE (oC)
950
900
850
800
750
-50
-25
0
75
125
700
25
50
100
AV = +1
HFA1100, HFA1120


Similar Part No. - HFA1120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1120 INTERSIL-HFA1120 Datasheet
115Kb / 17P
   850MHz Current Feedback Amplifier with Offset Adjust
July 1994
HFA1120/883 INTERSIL-HFA1120/883 Datasheet
115Kb / 17P
   850MHz Current Feedback Amplifier with Offset Adjust
July 1994
HFA1120MJ/883 INTERSIL-HFA1120MJ/883 Datasheet
115Kb / 17P
   850MHz Current Feedback Amplifier with Offset Adjust
July 1994
More results

Similar Description - HFA1120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com