Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9835 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9835
Description  50 MHz Direct Digital Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9835_15 Datasheet HTML 6Page - Analog Devices AD9835_15 Datasheet HTML 7Page - Analog Devices AD9835_15 Datasheet HTML 8Page - Analog Devices AD9835_15 Datasheet HTML 9Page - Analog Devices AD9835_15 Datasheet HTML 10Page - Analog Devices AD9835_15 Datasheet HTML 11Page - Analog Devices AD9835_15 Datasheet HTML 12Page - Analog Devices AD9835_15 Datasheet HTML 13Page - Analog Devices AD9835_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9835
Data Sheet
Rev. A | Page 10 of 28
70
60
50
40
30
10
20
0.124
0.204
0.084
0.164
0.244
0.284
0.324
AVDD = DVDD = +5V
50MHz
30MHz
10MHz
fOUT/fMCLK
0.364
0.044
Figure 13. SNR vs. fOUT/fMCLK for Various MCLK Frequencies
RBW 1kHz
VBW 3kHz
ST 50 SEC
0Hz
START
25MHz
STOP
Figure 14. fMCLK = 50 MHz, fOUT = 2.1 MHz. Frequency Word = ACO8312
RBW 1kHz
VBW 3kHz
ST 50 SEC
0Hz
START
25MHz
STOP
Figure 15. fMCLK = 50 MHz, fOUT = 3.1 MHz. Frequency Word = FDF3B64
RBW 1kHz
VBW 3kHz
ST 50 SEC
0Hz
START
25MHz
STOP
Figure 16. fMCLK = 50 MHz, fOUT = 7.1 MHz. Frequency Word = 245AICAC
RBW 1kHz
VBW 3kHz
ST 50 SEC
0Hz
START
25MHz
STOP
Figure 17. fMCLK = 50 MHz, fOUT = 9.1 MHz. Frequency Word = 2E978D50
RBW 1kHz
VBW 3kHz
ST 50 SEC
0Hz
START
25MHz
STOP
Figure 18. fMCLK = 50 MHz, fOUT = 11.1 MHz. Frequency Word = 38D4FDF4


Similar Part No. - AD9835_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835BRU AD-AD9835BRU Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
AD9835BRU AD-AD9835BRU Datasheet
701Kb / 28P
   50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9835BRU-REEL AD-AD9835BRU-REEL Datasheet
701Kb / 28P
   50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9835BRU-REEL7 AD-AD9835BRU-REEL7 Datasheet
701Kb / 28P
   50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9835BRUZ AD-AD9835BRUZ Datasheet
701Kb / 28P
   50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
More results

Similar Description - AD9835_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835BRUZ AD-AD9835BRUZ Datasheet
701Kb / 28P
   50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9832 AD-AD9832_15 Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer
Rev. E
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9832 AD-AD9832_13 Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
   Direct Digital Synthesizer
logo
Analog Devices
AD9859 AD-AD9859_17 Datasheet
522Kb / 24P
   CMOS Direct Digital Synthesizer
AD9910 AD-AD9910_16 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com