Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1851BCU Datasheet(PDF) 20 Page - NEC

Part # C1851BCU
Description  I2C BUS-COMPATIBLE US MTS PROCESSING LSI
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

C1851BCU Datasheet(HTML) 20 Page - NEC

Back Button C1851BCU Datasheet HTML 16Page - NEC C1851BCU Datasheet HTML 17Page - NEC C1851BCU Datasheet HTML 18Page - NEC C1851BCU Datasheet HTML 19Page - NEC C1851BCU Datasheet HTML 20Page - NEC C1851BCU Datasheet HTML 21Page - NEC C1851BCU Datasheet HTML 22Page - NEC C1851BCU Datasheet HTML 23Page - NEC C1851BCU Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
20
µPC1851B
Data Sheet S13417EJ2V0DS00
2.3 dbx Noise Reduction Block
All the filters required for TV-dbx Noise Reduction are incorporated. These filter responses are adjusted by
setting all the FILTER SETTING bits (Write register, subaddress 02H, bits D0 to D5).
(1) LPF
This LPF has traps at fH and 24 kHz each. The fH trap filter minimizes interference by the fH signal which is not
synchronized with the pilot signal (for example, leakage of the synchronous idle and buzz from the video signal).
(2) 408-Hz LPF
This filter is a de-emphasis filter. Its transfer function is as follows:
f
1 + j
5.23k
T(f) =
f
1 + j
408
(3) Variable Emphasis
It is also called the spectral VCA. It is controlled by the spectral RMS. The transfer function is as follows:
f
1 + 51b
1 + j
x
20.1k
b + 1
S–1 (f, b) =
f
1 + 51
1 + j
x
20.1k
b + 1
where “b” is the variable transferred from the spectral RMS for controlling.
(4) Wide-band VCA
A VCA whose operating frequency range is mainly low to mid frequencies and controlled by the wide-band RMS.
The transfer function is as follows:
W–1 (a) = a
where “a” is the variable transferred from the wide-band RMS for controlling.
(5) 2.19-kHz LPF
This filter is a de-emphasis filter. Its transfer function is as follows:
f
1 + j
62.5k
T(f) =
f
1 + j
2.19k
(6) Spectral RMS Filter
A filter that limits the band width of the signal input to the RMS which controls the variable emphasis. The
transfer function is as follows:
ff
( j
)
2
j
7.66k
3.92k
T (f) =
x
ff
f
1 + j
+ ( j
)
2
1 + j
7.31k
7.66k
3.92k


Similar Part No. - C1851BCU

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C185 NJSEMI-C185 Datasheet
171Kb / 2P
   Silicon Controlled Rectifier
logo
NEC
C1853CT NEC-C1853CT Datasheet
544Kb / 76P
   MATRIX SURROUND IC WITH I2C BUS
logo
New Jersey Semi-Conduct...
C185A NJSEMI-C185A Datasheet
171Kb / 2P
   Silicon Controlled Rectifier
C185B NJSEMI-C185B Datasheet
171Kb / 2P
   Silicon Controlled Rectifier
C185C NJSEMI-C185C Datasheet
171Kb / 2P
   Silicon Controlled Rectifier
More results

Similar Description - C1851BCU

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1854A NEC-UPC1854A Datasheet
251Kb / 48P
   I2C BUS-COMPATIBLE US MTS PROCESSING LSI
UPC1876 NEC-UPC1876 Datasheet
309Kb / 40P
   US MTS DECODER
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
   US MTS DECODER
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
   Image Processing LSI
logo
Sanyo Semicon Device
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
   US MTS (Multi Channel Television Sound) Decoder
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
Sony Corporation
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
   I2C Bus-Compatible Video Switch
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com