Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1851BCU Datasheet(PDF) 30 Page - NEC

Part # C1851BCU
Description  I2C BUS-COMPATIBLE US MTS PROCESSING LSI
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

C1851BCU Datasheet(HTML) 30 Page - NEC

Back Button C1851BCU Datasheet HTML 26Page - NEC C1851BCU Datasheet HTML 27Page - NEC C1851BCU Datasheet HTML 28Page - NEC C1851BCU Datasheet HTML 29Page - NEC C1851BCU Datasheet HTML 30Page - NEC C1851BCU Datasheet HTML 31Page - NEC C1851BCU Datasheet HTML 32Page - NEC C1851BCU Datasheet HTML 33Page - NEC C1851BCU Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
30
µPC1851B
Data Sheet S13417EJ2V0DS00
(3) Filter setting (Write register, subaddress 02H, bits D6 to D0)
<1> Write “1” to bit D6 (Pilot canceler: OFF) of subaddress 02H.
<2> Input pilot signal (15.734 kHz, 30 mVrms or higher Note) to COM pin and set data of bits D5 to D0 (FILTER
SETTING bits) of subaddress 02H so that the AC output level of the FOR pin becomes as small as possible
(Decrease the set data from 63 (decimal)).
<3> When setting is completed, write “0” to bit D6 (pilot canceler: ON) of subaddress 02H.
Note Recommended 100 mVrms.
(4) Separation setting (Write register, subaddresses 03H and 04H, bits D5 to D0)
<1> Write “1” to bit D0 (Mute: OFF) of subaddress 06H.
<2> Write “20H” to bits D5 to D0 (HIGH-BAND SEPARATION SETTING bits) of subaddress 04H.
<3> Input composite signal to COM pin (300 Hz, 30 % modulation, L-only, with noise reduction), and set bits D5
to D0 (LOW-BAND SEPARATION SETTING bits) of subaddress 03H so that the output level of the FOR
pin is as small as possible.
<4> Change the modulation frequency of the composite signal to 3 kHz, and set bits D5 to D0 of subaddress
04H so that the output level of the FOR pin is as small as possible.
<5> While bits D5 to D0 of subaddress 04H are set as in step <4> above, repeat the setting procedure of step
<3> for bits D5 to D0 of subaddress 03H.
(5) SAP VCO setting (Write register, subaddress 05H, bits D6 to D0)
Perform this adjustment with no signal applied.
<1> Add a 1 M
Ω resistor between the SOA pin and GND.
<2> Write “1” to bit D0 (Mute: OFF) of subaddress 06H.
<3> Write “1” to bit D6 (5 fH monitor: ON) of subaddress 05H.
<4> Connect a frequency counter to the FOR pin, and set bits D5 to D0 of subaddress 05H (SAP VCO SETTING
bits) so that 78.67 kHz (
±0.5 kHz) is displayed on the frequency counter.
<5> When setting is completed, write “0” to bit D6 (5 fH monitor: OFF) of subaddress 05H.
<6> Delete the 1 M
Ω resistor between the SOA pin and GND.


Similar Part No. - C1851BCU

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C185 NJSEMI-C185 Datasheet
171Kb / 2P
   Silicon Controlled Rectifier
logo
NEC
C1853CT NEC-C1853CT Datasheet
544Kb / 76P
   MATRIX SURROUND IC WITH I2C BUS
logo
New Jersey Semi-Conduct...
C185A NJSEMI-C185A Datasheet
171Kb / 2P
   Silicon Controlled Rectifier
C185B NJSEMI-C185B Datasheet
171Kb / 2P
   Silicon Controlled Rectifier
C185C NJSEMI-C185C Datasheet
171Kb / 2P
   Silicon Controlled Rectifier
More results

Similar Description - C1851BCU

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1854A NEC-UPC1854A Datasheet
251Kb / 48P
   I2C BUS-COMPATIBLE US MTS PROCESSING LSI
UPC1876 NEC-UPC1876 Datasheet
309Kb / 40P
   US MTS DECODER
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
   US MTS DECODER
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
   Image Processing LSI
logo
Sanyo Semicon Device
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
   US MTS (Multi Channel Television Sound) Decoder
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
Sony Corporation
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
   I2C Bus-Compatible Video Switch
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com