Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPZ3034E Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPZ3034E
Description  Common Mode Line Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3034E Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPZ3034E_15 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Common Mode Line Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in DC/DC Converters
• Class 130 Insulating System
• 100-300 KHz Switching Frequency
• UL 94V-0 Recognized Components
• UL 1446 Class B Insulation System
• 100-300 KHz Switching Frequency
• Operating Temperature : -40°C to +85°C
EPZ3034E
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSZ3034E
Rev. 2
8/4/05
FT
SRF
(MHz Typ.)
2
Inductance
(mH Min.)
@10 KHz, 0.1 Vrms
2.2
Leakage Inductance
(µH Max.)
@ 100 KHz, 0.1 Vrms
35
DCR
(
Ω Max.)
.04
Current Rating
(Amps)
5.0
Schematic
1
4
2
3
Package
.900
(22.86)
.900
Max.
(22.86)
.600
(15.24)
1.400
Max.
(35.60)
.150 ± .030
(3.81 ± .760)
.051Ø
(1.29)
1.400
(35.60)
Marking:
PCA
EPZ3034E
D.C.
3
4
1
2
.120
(3.00)
4
1
• Isolation : 1250 Vrms •
Frequency
Impedance Curve
4K
6K
2K
0.1 MHz
1 MHz
20 MHz
10 MHz
0
1K
3K
5K
7K


Similar Part No. - EPZ3034E_15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3034E PCA-EPZ3034E Datasheet
37Kb / 1P
   Common Mode Line Choke
More results

Similar Description - EPZ3034E_15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3074E PCA-EPZ3074E Datasheet
23Kb / 1P
   Common Mode Line Choke
EPZ3034E PCA-EPZ3034E Datasheet
37Kb / 1P
   Common Mode Line Choke
EPA2165 PCA-EPA2165 Datasheet
34Kb / 1P
   4 Line Common Mode Choke
logo
Allied Components Inter...
VCMB744826 ALLIED-VCMB744826 Datasheet
251Kb / 1P
   POWER LINE COMMON MODE CHOKE
logo
Accetek Electronics (Sh...
2CY ACCETEK-2CY Datasheet
225Kb / 3P
   Common Mode Power Line Choke
logo
Allied Components Inter...
VCMB744822-102N ALLIED-VCMB744822-102N Datasheet
526Kb / 1P
   POWER LINE COMMON MODE CHOKE
logo
Accetek Electronics (Sh...
2CX ACCETEK-2CX Datasheet
216Kb / 2P
   Common Mode Power Line Choke
logo
Allied Components Inter...
VCMB744822 ALLIED-VCMB744822 Datasheet
517Kb / 1P
   POWER LINE COMMON MODE CHOKE
VCMB3423-123 ALLIED-VCMB3423-123 Datasheet
661Kb / 1P
   POWER LINE COMMON MODE CHOKE
logo
PCA ELECTRONICS INC.
EPA2165S PCA-EPA2165S Datasheet
25Kb / 1P
   4 Line Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com