Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9786 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 1 Page - Analog Devices

  AD9786_15 Datasheet HTML 1Page - Analog Devices AD9786_15 Datasheet HTML 2Page - Analog Devices AD9786_15 Datasheet HTML 3Page - Analog Devices AD9786_15 Datasheet HTML 4Page - Analog Devices AD9786_15 Datasheet HTML 5Page - Analog Devices AD9786_15 Datasheet HTML 6Page - Analog Devices AD9786_15 Datasheet HTML 7Page - Analog Devices AD9786_15 Datasheet HTML 8Page - Analog Devices AD9786_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
16-Bit, 200 MSPS/500 MSPS TxDAC+® with
2×/4×/8× Interpolation and Signal Processing
AD9786
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution, 200 MSPS input data rate
IMD 90 dBc @10 MHz
Noise spectral density (NSD): −164 dBm/Hz @ 10 MHz
WCDMA ACLR = 80 dBc @ 40 MHz IF
DNL = ±0.3 LSB
INL = ±0.6 LSB
Selectable 2×/4×/8× interpolation filters
Selectable fDAC/2, fDAC/4, fDAC/8 modulation modes
Single- or dual-channel signal processing
Selectable image rejection Hilbert transform
Flexible calibration engine
Direct IF transmission features
Serial control interface
Versatile clock and data interface
3.3 V-compatible digital interface
On-chip 1.2 V reference
80-lead, thermally enhanced, TQFP_EP package
APPLICATIONS
Base stations: multicarrier WCDMA, GSM/EDGE, TD-SCDMA,
IS136, TETRA
Instrumentation
RF signal generators, arbitrary waveform generators
HDTV transmitters
Broadband wireless systems
Digital radio links
Satellite systems
PRODUCT HIGHLIGHTS
1.
16-bit, high speed, interpolating TxDAC+.
2.
2×/4×/8× user-selectable interpolating filter. The filter
eases data rate and output signal reconstruction filter
requirements.
3.
200 MSPS input data rate.
4.
Ultra high speed, 500 MSPS DAC conversion rate.
5.
Flexible clock with single-ended or differential input.
CMOS, 1 V p-p sine wave, and LVPECL capability.
6.
Complete CMOS DAC function. It operates from a 3.1 V
to 3.5 V single analog (AVDD) supply, 2.5 V digital supply,
and a 3.3 V digital (DRVDD) supply. The DAC full-scale
current can be reduced for lower power operation, and
a sleep mode is provided for low power idle periods.
7.
On-chip voltage reference. The AD9786 includes a
1.20 V temperature-compensated band gap voltage
reference.
8.
Multichip synchronization. Multiple AD9786 DACs can
be synchronized to a single master AD9786 to ease timing
design requirements and optimize image reject transmit
performance.
FUNCTIONAL BLOCK DIAGRAM
16-BIT DAC
ZERO
STUFF
HILBERT
Δt
0
90
0
90
LATCH
Q
fDAC/2
fDAC/4
fDAC/8
×1
CLOCK DISTRIBUTION AND CONTROL
CLK+
CLK–
DATACLK
P2B[15:0]
P1B[15:0]
FSADJ
REFIO
IOUTA
IOUTB
SDIO
SDO
CSB
SCLK
RESET
0
90
LATCH
I
Figure 1.


Similar Part No. - AD9786_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9786-EB AD-AD9786-EB Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9786BSV AD-AD9786BSV Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9786BSV AD-AD9786BSV Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9786BSVRL AD-AD9786BSVRL Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9786BSVRL AD-AD9786BSVRL Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
More results

Similar Description - AD9786_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9786BSVZ AD-AD9786BSVZ Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9782 AD-AD9782 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
Rev. PrC
AD9709 AD-AD9709_15 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC
REV. B
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com