Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS75D Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS75D
Description  Radiation Hardened Dual 2-Bit Bistable Transparent Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS75D Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS75D Datasheet HTML 1Page - Intersil Corporation HCTS75D Datasheet HTML 2Page - Intersil Corporation HCTS75D Datasheet HTML 3Page - Intersil Corporation HCTS75D Datasheet HTML 4Page - Intersil Corporation HCTS75D Datasheet HTML 5Page - Intersil Corporation HCTS75D Datasheet HTML 6Page - Intersil Corporation HCTS75D Datasheet HTML 7Page - Intersil Corporation HCTS75D Datasheet HTML 8Page - Intersil Corporation HCTS75D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
473
Specifications HCTS75MS
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETERS
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.4
mA
Output Current
(Sink)
IOL
VCC = VIH = 4.5V, VOUT = 0.4V, VIL = 0V
+25oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = VIH = 4.5V, VOUT = VCC - 0.4V,
VIL = 0V
+25oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 5.5V, VIH = 2.75V, VIL = 0.8V,
IOL = 50
µA
+25oC
-
0.1
V
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 5.5V, VIH = 2.75V, VIL = 0.8V,
IOH = -50
µA
+25oC
VCC
-0.1
-V
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage
Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-5
+5
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
(Note 3)
+25oC-
-
Propagation Delay
D to Q
TPHL
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
35
ns
TPLH
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
24
ns
Propagation Delay
D to Q
TPHL
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
22
ns
TPLH
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
29
ns
Propagation Delay
E to Q
TPHL
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
23
ns
TPLH
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
25
ns
Propagation Delay
E to Q
TPHL
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
34
ns
TPLH
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
29
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
±6µA
IOL/IOH
5
-15% of 0 Hour
Spec Number
518625


Similar Part No. - HCTS75D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS7266D/SAMPLE INTERSIL-HCTS7266D/SAMPLE Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266DMSR INTERSIL-HCTS7266DMSR Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266HMSR INTERSIL-HCTS7266HMSR Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266K/SAMPLE INTERSIL-HCTS7266K/SAMPLE Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266KMSR INTERSIL-HCTS7266KMSR Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
More results

Similar Description - HCTS75D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com