Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS74K Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS74K
Description  Radiation Hardened Dual-D Flip-Flop with Set and Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS74K Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HCTS74K Datasheet HTML 2Page - Intersil Corporation HCTS74K Datasheet HTML 3Page - Intersil Corporation HCTS74K Datasheet HTML 4Page - Intersil Corporation HCTS74K Datasheet HTML 5Page - Intersil Corporation HCTS74K Datasheet HTML 6Page - Intersil Corporation HCTS74K Datasheet HTML 7Page - Intersil Corporation HCTS74K Datasheet HTML 8Page - Intersil Corporation HCTS74K Datasheet HTML 9Page - Intersil Corporation HCTS74K Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
467
HCTS74MS
AC Timing Diagrams and Load Circuit
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Pulse Width, Setup, Hold Timing Diagram Positive Edge Trigger
TW
TH
VS
TSU
INPUT
VIH
VIL
INPUT CP
VIH
VIL
TW
VS
TH = HOLD TIME
TSU = SETUP TIME
TW = PULSE WIDTH
VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
Spec Number
518626


Similar Part No. - HCTS74K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS74K RENESAS-HCTS74K Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74KMSR RENESAS-HCTS74KMSR Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Intersil Corporation
HCTS74KTR INTERSIL-HCTS74KTR Datasheet
124Kb / 3P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
More results

Similar Description - HCTS74K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS74MS INTERSIL-HCS74MS Datasheet
175Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCS74T INTERSIL-HCS74T Datasheet
124Kb / 3P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
ACTS74MS INTERSIL-ACTS74MS Datasheet
115Kb / 3P
   Radiation Hardened Dual D Flip Flop with Set and Reset
logo
Renesas Technology Corp
ACTS74MS RENESAS-ACTS74MS Datasheet
125Kb / 3P
   Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
HCTS74MS RENESAS-HCTS74MS Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCS74MS RENESAS-HCS74MS Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Intersil Corporation
HCTS74T INTERSIL-HCTS74T Datasheet
124Kb / 3P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
ACS109MS INTERSIL-ACS109MS Datasheet
39Kb / 2P
   Radiation Hardened Dual J-K Flip-Flop with Set and Reset
July 1999
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com