Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9761 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9761
Description  Dual 10-Bit TxDAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761 Datasheet(HTML) 1 Page - Analog Devices

  AD9761_15 Datasheet HTML 1Page - Analog Devices AD9761_15 Datasheet HTML 2Page - Analog Devices AD9761_15 Datasheet HTML 3Page - Analog Devices AD9761_15 Datasheet HTML 4Page - Analog Devices AD9761_15 Datasheet HTML 5Page - Analog Devices AD9761_15 Datasheet HTML 6Page - Analog Devices AD9761_15 Datasheet HTML 7Page - Analog Devices AD9761_15 Datasheet HTML 8Page - Analog Devices AD9761_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or oth-
erwise under any patent or patent rights of Analog Devices.Trademarks
and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD9761
Dual 10-Bit TxDAC+®
with 2 Interpolation Filters
FEATURES
Complete 10-Bit, 40 MSPS Dual Transmit DAC
Excellent Gain and Offset Matching
Differential Nonlinearity Error: 0.5 LSB
Effective Number of Bits: 9.5
Signal-to-Noise and Distortion Ratio: 59 dB
Spurious-Free Dynamic Range: 71 dB
2 Interpolation Filters
20 MSPS/Channel Data Rate
Single Supply: 3 V to 5.5 V
Low Power Dissipation: 93 mW (3 V Supply @
40 MSPS)
On-Chip Reference
28-Lead SSOP
FUNCTIONAL BLOCK DIAGRAM
ACOM
REFLO
I
DAC
FSADJ
IOUTA
IOUTB
WRITE INPUT
SELECT INPUT
DCOM
DVDD
CLOCK
AD9761
2
LATCH
I
REFIO
REFERENCE
COMP1
COMP2
COMP3
BIAS
GENERATOR
QOUTA
QOUTB
2
LATCH
Q
MUX
CONTROL
AVDD
DAC DATA
INPUTS
(10 BITS)
SLEEP
Q
DAC
PRODUCT DESCRIPTION
The AD9761 is a complete dual-channel, high speed, 10-bit
CMOS DAC. The AD9761 has been developed specifically for
use in wide bandwidth communication applications (e.g., spread
spectrum) where digital I and Q information is being processed
during transmit operations. It integrates two 10-bit, 40 MSPS
DACs, dual 2 interpolation filters, a voltage reference, and digi-
tal input interface circuitry. The AD9761 supports a 20 MSPS
per channel input data rate that is then interpolated by 2 up to
40 MSPS before simultaneously updating each DAC.
The interleaved I and Q input data stream is presented to the
digital interface circuitry, which consists of I and Q latches as
well as some additional control logic. The data is de-interleaved
back into its original I and Q data. An on-chip state machine
ensures the proper pairing of I and Q data. The data output from
each latch is then processed by a 2 digital interpolation filter
that eases the reconstruction filter requirements. The interpo-
lated output of each filter serves as the input of their respective
10-bit DAC.
The DACs utilize a segmented current source architecture com-
bined with a proprietary switching technique to reduce glitch
energy and to maximize dynamic accuracy. Each DAC provides
differential current output, thus supporting single-ended or dif-
ferential applications. Both DACs are simultaneously updated
and provide a nominal full-scale current of 10 mA. Also, the
full-scale currents between each DAC are matched to within
0.07 dB (i.e., 0.75%), thus eliminating the need for additional
gain calibration circuitry.
The AD9761 is manufactured on an advanced low cost CMOS
process. It operates from a single supply of 3 V to 5.5 V and
consumes 200 mW of power.To make the AD9761 complete, it
also offers an internal 1.20 V temperature-compensated band gap
reference.
PRODUCT HIGHLIGHTS
1. Dual 10-Bit, 40 MSPS DACs
A pair of high performance 40 MSPS DACs optimized for low
distortion performance provide for flexible transmission of I
and Q information.
2. 2 Digital Interpolation Filters
Dual matching FIR interpolation filters with 62.5 dB stop-
band rejection precede each DAC input, thus reducing the
DACs’ reconstruction filter requirements.
3. Low Power
Complete CMOS dual DAC function operates on a low
200 mW on a single supply from 3 V to 5.5 V. The DAC
full-scale current can be reduced for lower power opera-
tion, and a sleep mode is provided for power reduction
during idle periods.
4. On-Chip Voltage Reference
The AD9761 includes a 1.20 V temperature-compensated
band gap voltage reference.
5. Single 10-Bit Digital Input Bus
The AD9761 features a flexible digital interface that allows
each DAC to be addressed in a variety of ways including dif-
ferent update rates.
6. Small Package
The AD9761 offers the complete integrated function in a
compact 28-lead SSOP package.
7. Product Family
The AD9761 Dual Transmit DAC has a pair of Dual Receive
ADC companion products, the AD9281 (8 bits) and AD9201
(10 bits).
REV. C


Similar Part No. - AD9761_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9761-EB AD-AD9761-EB Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9761ARS AD-AD9761ARS Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
More results

Similar Description - AD9761_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9761 AD-AD9761 Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9763 AD-AD9763 Datasheet
460Kb / 28P
   10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9709 AD-AD9709_15 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC
REV. B
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740 Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9709 AD-AD9709 Datasheet
466Kb / 27P
   8-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. 0
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com