Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS374KTR Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCTS374KTR
Description  Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS374KTR Datasheet(HTML) 1 Page - Intersil Corporation

  HCTS374KTR Datasheet HTML 1Page - Intersil Corporation HCTS374KTR Datasheet HTML 2Page - Intersil Corporation HCTS374KTR Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
Satellite Applications Flow™ (SAF) is a trademark of Intersil Corporation.
HCTS374T
Radiation Hardened Octal D-Type
Flip-Flop, Three-State, Positive Edge
Triggered
Intersil’s Satellite Applications FlowTM (SAF) devices are fully
tested and guaranteed to 100kRAD total dose. These QML
Class T devices are processed to a standard flow intended
to meet the cost and shorter lead-time needs of large
volume satellite manufacturers, while maintaining a high
level of reliability.
The Intersil HCTS374T is a Radiation Hardened Non-
Inverting Octal D-type, Positive Edge Triggered Flip-Flop
with three-state outputs. The eight flip-flops enter data into
their registers on the LOW-to-HIGH transition of the clock
(CP). Data is also transferred to the outputs during this
transition. The output enable (OE) controls the three-state
outputs and is independent of the register operation. When
the output enable is high, the outputs are in the high
impedance state.
Specifications
Specifications for Rad Hard QML devices are controlled by
the Defense Supply Center in Columbus (DSCC). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the HCTS374T are
contained in SMD 5962-95748. A “hot-link” is provided from
our website for downloading.
www.intersil.com/spacedefense/newsafclasst.asp
Intersil’s Quality Management Plan (QM Plan), listing all
Class T screening operations, is also available on our
website.
www.intersil.com/quality/manuals.asp
Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
- Gamma Dose (
γ) 1 x 105 RAD(Si)
- Latch-Up Free Under Any Conditions
- SEP Effective LET No Upsets: >100 MEV-cm2/mg
- Single Event Upset (SEU) Immunity < 2 x 10-9
Errors/Bit-Day (Typ)
• 3 Micron Radiation Hardened SOS CMOS
• Fanout (Over Temperature Range)
- Bus Driver Outputs - 15 LSTTL Loads
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
-VIL = 0.8V Max
-VIH = VCC/2 Min
• Input Current Levels Ii
≤ 5mA at VOL, VOH
Pinouts
HCTS374T (SBDIP), CDIP2-T20
TOP VIEW
HCTS374T (FLATPACK), CDFP4-F20
TOP VIEW
Ordering Information
ORDERING
NUMBER
PART
NUMBER
TEMP.
RANGE
(oC)
5962R9574801TRC
HCTS374DTR
-55 to 125
5962R9574801TXC
HCTS374KTR
-55 to 125
NOTE:
Minimum order quantity for -T is 150 units through
distribution, or 450 units direct.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
CP
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
OE
Q0
D0
D1
Q1
Q2
D2
D3
9
10
12
11
Q3
GND
VCC
Q7
D7
D6
Q6
Q5
D5
D4
Q4
CP
Data Sheet
July 1999
File Number
4627.1


Similar Part No. - HCTS374KTR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS374K INTERSIL-HCTS374K Datasheet
183Kb / 11P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Renesas Technology Corp
HCTS374K RENESAS-HCTS374K Datasheet
548Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Intersil Corporation
HCTS374KMSR INTERSIL-HCTS374KMSR Datasheet
183Kb / 11P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Renesas Technology Corp
HCTS374KMSR RENESAS-HCTS374KMSR Datasheet
548Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results

Similar Description - HCTS374KTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Intersil Corporation
HCTS374MS INTERSIL-HCTS374MS Datasheet
183Kb / 11P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS574MS INTERSIL-HCTS574MS Datasheet
135Kb / 11P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Renesas Technology Corp
HCTS574MS RENESAS-HCTS574MS Datasheet
430Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCS374MS RENESAS-HCS374MS Datasheet
571Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
November 11, 2004
logo
Intersil Corporation
HCS374MS INTERSIL-HCS374MS Datasheet
175Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
September 1995
HCS374MS INTERSIL-HCS374MS_04 Datasheet
550Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
ACS374MS INTERSIL-ACS374MS Datasheet
71Kb / 8P
   Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
ACTS374MS INTERSIL-ACTS374MS Datasheet
90Kb / 10P
   Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com