Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4976 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4976
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4976 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4976_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4976_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC4976_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC4976
Typical Characterisitics
0
0.2
0.4
0.6
1.0
0.8
1.2
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
100
50
0
350
150
200
250
300
2SC4976
VCE=10V
hFE -- IC
Collector Current, IC -- mA
3
5
7
0
0
1
0
1
3
2
5
7
5
3
2
10
2
5
3
5
7
100
2
3
2SC4976
VCE=10V
Ta=75 C
25 C
--25 C
VCE(sat) -- IC
Collector Current, IC -- mA
5
7
0.1
2
3
5
7
1.0
2
3
3
5
7
0
0
1
0
1
3
2
5
7
5
3
2
2SC4976
IC / IB=10
Ta=75
C
--25
C
25 C
VBE(sat) -- IC
Collector Current, IC -- mA
7
5
3
2
1.0
2
3
5
0.1
0
0
1
0
1
2
3
7
5
5
7
3
5
2
3
2SC4976
IC / IB=10
75 C
Ta= --25 C
25 C
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
1.0
5
3
2
3
7
2
10
2
7
3
5
3
7
2
7
0
0
1
0
1
0
.
1
2
5
2SC4976
f=1MHz
1.0
5
3
2
3
7
2
10
2
7
3
5
3
7
2
7
0
0
1
0
1
0
.
1
2
5
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
2SC4976
f=1MHz


Similar Part No. - 2SC4976_15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4976 SANYO-2SC4976 Datasheet
31Kb / 5P
   High-Definition CRT Display Video Output Applications
More results

Similar Description - 2SC4976_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com