Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3649 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3649
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3649 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3649_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3649_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3649_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
2SC3649
Typical Characterisitics
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VCE(sat) -- IC
Collector Current, IC -- A
2
0.01
0.1
5 7
7
3
2
1.0
5 7
3
2
3
2
1.0
5
7
3
10
2
5
7
3
100
10
100
2
3
5
7
3
5
7
2
5
7
1000
2
3
5
7
100
3
2
3
2SC3649
IC / IB=10
--25°C
25°C
Ta=75°C
2SC3649
For PNP, minus sign is omitted
PC -- Ta
Ambient Temperature, Ta -- °C
VBE(sat) -- IC
Collector Current, IC -- A
7 0.01
0.1
5 7
3
2
1.0
5 7
3
3
2
2
1.0
10
5
3
7
2
5
3
7
0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
0
0
1
0
8
0
2
0
60
0
6
1
0
4
140
120
Mounted
on
a ceramic
board
(250mm
2
0.8mm)
No heat
sink
2SC3649
IC / IB=10
25°C 75°C
Ta=--25°C
2SC3649
A S O
Collector-to-Emitter Voltage, VCE -- V
0.01
3
0.1
5
7
5
7
2
3
1.0
5
5
7
2
3
2
1.0
7
3
2
7 10
5
3
3
2
2
7 100
5
1ms
10
ms
100
ms
DC
operation
For PNP, minus sign is omitted
Single pulse Ta=25°C
Mounted on a ceramic board (250mm2 0.8mm)
2SC3649
ICP=2.5A
IC=1.5A
fT -- IC
Collector Current, IC -- A
2
0.01
5
7
3
0.1
2
2
5
7
3
1.0
100
10
2
3
5
7
2
3
5
2SC3649
2SC3649
For PNP, minus sign is omitted


Similar Part No. - 2SC3649_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3649-HF KEXIN-2SC3649-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC3649-R KEXIN-2SC3649-R Datasheet
1Mb / 3P
   NPN Transistors
2SC3649-R-HF KEXIN-2SC3649-R-HF Datasheet
1Mb / 3P
   NPN Transistors
2SC3649-S KEXIN-2SC3649-S Datasheet
1Mb / 3P
   NPN Transistors
2SC3649-S-HF KEXIN-2SC3649-S-HF Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SC3649_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com