Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54244ATEB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54244ATEB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54244ATEB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54244ATEB Datasheet HTML 1Page - Integrated Device Technology IDT54244ATEB Datasheet HTML 2Page - Integrated Device Technology IDT54244ATEB Datasheet HTML 3Page - Integrated Device Technology IDT54244ATEB Datasheet HTML 4Page - Integrated Device Technology IDT54244ATEB Datasheet HTML 5Page - Integrated Device Technology IDT54244ATEB Datasheet HTML 6Page - Integrated Device Technology IDT54244ATEB Datasheet HTML 7Page - Integrated Device Technology IDT54244ATEB Datasheet HTML 8Page - Integrated Device Technology IDT54244ATEB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IDT54/74FCT240/244T/AT/CT/DT - 2240/2244T/AT/CT, IDT54/74FCT540/541/2541T/AT/CT
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.8
7
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT540/541/2541T
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
2565 tbl 13
FCT540T/541T
FCT2541T
FCT540AT/541AT
FCT2541AT
FCT540CT/541CT
FCT2541CT
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max.
Unit
tPLH
tPHL
Propagation Delay
DN to
ON
FCT540
CL = 50pF
RL = 500
1.5
8.5
1.5
9.5
1.5
4.8
1.5
5.1
1.5
4.3
1.5
4.7
ns
tPLH
tPHL
Propagation Delay
DN to ON
FCT541/2541T
1.5
8.0
1.5
9.0
1.5
4.8
1.5
5.1
1.5
4.1
1.5
4.6
ns
tPZH
tPZL
Output Enable Time
1.5
10.0
1.5
10.5
1.5
6.2
1.5
6.5
1.5
5.8
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
9.5
1.5
10.0
1.5
5.6
1.5
5.9
1.5
5.2
1.5
5.7
ns


Similar Part No. - IDT54244ATEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54 IDT-IDT54 Datasheet
85Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER Reduced system switching noise
logo
List of Unclassifed Man...
IDT54 ETC2-IDT54 Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Integrated Device Techn...
IDT54 IDT-IDT54 Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT54 IDT-IDT54 Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

Similar Description - IDT54244ATEB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com