Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS240AD Datasheet(PDF) 10 Page - Intersil Corporation

Part # HCTS240AD
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS240AD Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HCTS240AD Datasheet HTML 2Page - Intersil Corporation HCTS240AD Datasheet HTML 3Page - Intersil Corporation HCTS240AD Datasheet HTML 4Page - Intersil Corporation HCTS240AD Datasheet HTML 5Page - Intersil Corporation HCTS240AD Datasheet HTML 6Page - Intersil Corporation HCTS240AD Datasheet HTML 7Page - Intersil Corporation HCTS240AD Datasheet HTML 8Page - Intersil Corporation HCTS240AD Datasheet HTML 9Page - Intersil Corporation HCTS240AD Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
HCTS240AMS
Spec Number
518889
Die Characteristics
DIE DIMENSIONS:
106mils x 108mils
2.68mm x 2.74mm
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCTS240AMS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS240A is TA14400B.
1 A1 (4)
2 Y2 (5)
1 A2 (6)
2 Y1 (7)
(18) 1 Y0
(17) 2 A3
(16) 1 Y1
(15) 2 A2
(14) 1 Y2


Similar Part No. - HCTS240AD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS240AD/SAMPLE RENESAS-HCTS240AD/SAMPLE Datasheet
555Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS240ADMSR RENESAS-HCTS240ADMSR Datasheet
555Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results

Similar Description - HCTS240AD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
   Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
HCS240MS INTERSIL-HCS240MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
   Radiation Hardened Octal Three-State Buffer/Line Driver
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
   Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS244T INTERSIL-HCS244T Datasheet
94Kb / 3P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
HCTS244T INTERSIL-HCTS244T Datasheet
105Kb / 3P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
5962R9573101VXC INTERSIL-5962R9573101VXC Datasheet
176Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com