Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS193K Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS193K
Description  Radiation Hardened Synchronous 4-Bit Up/Down Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS193K Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS193K Datasheet HTML 1Page - Intersil Corporation HCTS193K Datasheet HTML 2Page - Intersil Corporation HCTS193K Datasheet HTML 3Page - Intersil Corporation HCTS193K Datasheet HTML 4Page - Intersil Corporation HCTS193K Datasheet HTML 5Page - Intersil Corporation HCTS193K Datasheet HTML 6Page - Intersil Corporation HCTS193K Datasheet HTML 7Page - Intersil Corporation HCTS193K Datasheet HTML 8Page - Intersil Corporation HCTS193K Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
595
Specifications HCTS193MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CPU to Qn
TPLH
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
34
ns
TPHL
VCC = 4.5V
9
+25oC
2
35
ns
10, 11
+125oC, -55oC
2
41
ns
CPD to Qn
TPLH
VCC = 4.5V
9
+25oC
2
31
ns
10, 11
+125oC, -55oC
2
36
ns
TPHL
VCC = 4.5V
9
+25oC
2
36
ns
10, 11
+125oC, -55oC
2
42
ns
PL to Qn
TPLH
VCC = 4.5V
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
36
ns
TPHL
VCC = 4.5V
9
+25oC
2
45
ns
10, 11
+125oC, -55oC
2
53
ns
MR to Qn
TPHL
VCC = 4.5V
9
+25oC
2
37
ns
10, 11
+125oC, -55oC
2
44
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
53
pF
1
+125oC, -55oC
-
75
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC, -55oC
-
22
ns
Maximum Operating
Frequency (CPU,
CPD)
FMAX
VCC = 4.5V
1
+25oC
-
25
MHz
1
+125oC, -55oC
-
15
MHz
Setup Time
Pn to PL
TSU
VCC = 4.5V
1
+25oC15
-
ns
1
+125oC, -55oC22
-
ns
Hold Time
Pn to PL
TH
VCC = 4.5V
1
+25oC0
-
ns
1
+125oC, -55oC0
-
ns
Hold Time CPD to
CPU or CPU to CPD
TH
VCC = 4.5V
1
+25oC16
-
ns
1
+125oC, -55oC24
-
ns
Pulse Width
CPU to CPD
TW
VCC = 4.5V
1
+25oC23
-
ns
1
+125oC, -55oC35
-
ns
Pulse Width PL
TW
VCC = 4.5V
1
+25oC16
-
ns
1
+125oC, -55oC24
-
ns
Spec Number
518620


Similar Part No. - HCTS193K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS193K RENESAS-HCTS193K Datasheet
485Kb / 9P
   Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193KMSR RENESAS-HCTS193KMSR Datasheet
485Kb / 9P
   Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
More results

Similar Description - HCTS193K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS191MS RENESAS-HCTS191MS Datasheet
510Kb / 10P
   Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS RENESAS-HCTS193MS Datasheet
485Kb / 9P
   Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
logo
Intersil Corporation
HCTS190MS INTERSIL-HCTS190MS Datasheet
157Kb / 10P
   Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCS193MS INTERSIL-HCS193MS Datasheet
158Kb / 9P
   Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS INTERSIL-HCTS191MS Datasheet
167Kb / 10P
   Radiation Hardened Synchronous 4-Bit Up/Down Counter
CTS191MS INTERSIL-CTS191MS Datasheet
166Kb / 10P
   Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCS190MS INTERSIL-HCS190MS Datasheet
121Kb / 9P
   Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
logo
Renesas Technology Corp
HCS193MS RENESAS-HCS193MS Datasheet
486Kb / 9P
   Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
   Radiation Hardened 4-Bit Synchronous Counter
January 1996
logo
Intersil Corporation
ACS161MS INTERSIL-ACS161MS Datasheet
98Kb / 4P
   Radiation Hardened 4-Bit Synchronous Counter
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com