Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9760 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9760
Description  10-Bit, 125 MSPS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9760 Datasheet(HTML) 4 Page - Analog Devices

  AD9760_15 Datasheet HTML 1Page - Analog Devices AD9760_15 Datasheet HTML 2Page - Analog Devices AD9760_15 Datasheet HTML 3Page - Analog Devices AD9760_15 Datasheet HTML 4Page - Analog Devices AD9760_15 Datasheet HTML 5Page - Analog Devices AD9760_15 Datasheet HTML 6Page - Analog Devices AD9760_15 Datasheet HTML 7Page - Analog Devices AD9760_15 Datasheet HTML 8Page - Analog Devices AD9760_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AD9760
–4–
REV. B
DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DIGITAL INPUTS
Logic “1” Voltage @ DVDD = +5 V
3.5
5
V
Logic “1” Voltage @ DVDD = +3 V
2.1
3
V
Logic “0” Voltage @ DVDD = +5 V
0
1.3
V
Logic “0” Voltage @ DVDD = +3 V
0
0.9
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
5
pF
Input Setup Time (tS)
2.0
ns
Input Hold Time (tH)
1.5
ns
Latch Pulsewidth (tLPW)
3.5
ns
Specification subject to change without notice.
0.1%
0.1%
tS
tH
tLPW
t
PD
t
ST
DB0–DB9
CLOCK
IOUTA OR
IOUTB
Figure 1. Timing Diagram
ABSOLUTE MAXIMUM RATINGS*
With
Parameter
Respect to
Min
Max
Units
AVDD
ACOM
–0.3
+6.5
V
DVDD
DCOM
–0.3
+6.5
V
ACOM
DCOM
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
CLOCK, SLEEP
DCOM
–0.3
DVDD + 0.3
V
Digital Inputs
DCOM
–0.3
DVDD + 0.3
V
IOUTA, IOUTB
ACOM
–1.0
AVDD + 0.3
V
COMP1, COMP2
ACOM
–0.3
AVDD + 0.3
V
REFIO, FSADJ
ACOM
–0.3
AVDD + 0.3
V
REFLO
ACOM
–0.3
+0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may effect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Descriptions
Options
AD9760AR
–40
°C to +85°C
28-Lead 300 mil R-28
SOIC
AD9760ARU
–40
°C to +85°C
28-Lead 170 mil RU-28
TSSOP
AD9760AR50
–40
°C to +85°C
28-Lead 300 mil R-28
SOIC
AD9760ARU50 –40
°C to +85°C
28-Lead 170 mil RU-28
TSSOP
AD9760-EB
Evaluation Board
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead 300 mil (7.5 mm) SOIC
θ
JA = 71.4
°C/W
θJC = 23°C/W
28-Lead 170 mil (4.4 mm) TSSOP
θ
JA = 97.9
°C/W
θJC = 14.0°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9760 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
(TMIN to TMAX, AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA unless otherwise noted)
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD9760_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9760-EB AD-AD9760-EB Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9760AR AD-AD9760AR Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9760AR50 AD-AD9760AR50 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9760ARRL AD-AD9760ARRL Datasheet
413Kb / 23P
   10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARU AD-AD9760ARU Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results

Similar Description - AD9760_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9600ABCPZ-150 AD-AD9600ABCPZ-150 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
AD9750 AD-AD9750_15 Datasheet
297Kb / 22P
   10-Bit, 125 MSPS High Performance
REV. 0
logo
Renesas Technology Corp
HI3197 RENESAS-HI3197 Datasheet
231Kb / 25P
   10-Bit, 125 MSPS D/A Converter
October 1998
logo
Intersil Corporation
HI3197 INTERSIL-HI3197 Datasheet
284Kb / 25P
   10-Bit, 125 MSPS D/A Converter
October 1998
logo
Analog Devices
AD9762 AD-AD9762_15 Datasheet
427Kb / 23P
   12-Bit, 125 MSPS
REV. B
AD9764 AD-AD9764_15 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS
REV. B
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
Analog Devices
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com