Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS21DMSR Datasheet(PDF) 7 Page - Intersil Corporation

Part # HCTS21DMSR
Description  Radiation Hardened Dual 4-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS21DMSR Datasheet(HTML) 7 Page - Intersil Corporation

  HCTS21DMSR Datasheet HTML 1Page - Intersil Corporation HCTS21DMSR Datasheet HTML 2Page - Intersil Corporation HCTS21DMSR Datasheet HTML 3Page - Intersil Corporation HCTS21DMSR Datasheet HTML 4Page - Intersil Corporation HCTS21DMSR Datasheet HTML 5Page - Intersil Corporation HCTS21DMSR Datasheet HTML 6Page - Intersil Corporation HCTS21DMSR Datasheet HTML 7Page - Intersil Corporation HCTS21DMSR Datasheet HTML 8Page - Intersil Corporation HCTS21DMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
HCTS21MS
AC Timing Diagrams
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
AC Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Spec Number
518618


Similar Part No. - HCTS21DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS20D INTERSIL-HCTS20D Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20D RENESAS-HCTS20D Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS20D/SAMPLE INTERSIL-HCTS20D/SAMPLE Datasheet
224Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
HCTS20DMSR INTERSIL-HCTS20DMSR Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS20DMSR INTERSIL-HCTS20DMSR Datasheet
224Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
More results

Similar Description - HCTS21DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS21MS INTERSIL-HCS21MS Datasheet
184Kb / 8P
   Radiation Hardened Dual 4-Input AND Gate
September 1995
ACS21MS INTERSIL-ACS21MS Datasheet
38Kb / 2P
   Radiation Hardened Dual 4-Input AND Gate
July 1999
logo
Renesas Technology Corp
HCS21MS RENESAS-HCS21MS Datasheet
393Kb / 8P
   Radiation Hardened Dual 4-Input AND Gate
September 1995
logo
Intersil Corporation
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS4002MS INTERSIL-HCTS4002MS Datasheet
125Kb / 9P
   Radiation Hardened Dual 4-Input NOR Gate
August 1995
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
   Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS20MS INTERSIL-ACS20MS Datasheet
85Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
April 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com