Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS163D Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS163D
Description  Radiation Hardened Synchronous Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS163D Datasheet(HTML) 8 Page - Intersil Corporation

  HCTS163D Datasheet HTML 1Page - Intersil Corporation HCTS163D Datasheet HTML 2Page - Intersil Corporation HCTS163D Datasheet HTML 3Page - Intersil Corporation HCTS163D Datasheet HTML 4Page - Intersil Corporation HCTS163D Datasheet HTML 5Page - Intersil Corporation HCTS163D Datasheet HTML 6Page - Intersil Corporation HCTS163D Datasheet HTML 7Page - Intersil Corporation HCTS163D Datasheet HTML 8Page - Intersil Corporation HCTS163D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
577
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HCTS163MS
AC Timing Diagrams
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
AC Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Spec Number
518600


Similar Part No. - HCTS163D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS160D INTERSIL-HCTS160D Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160DMSR INTERSIL-HCTS160DMSR Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160DTR INTERSIL-HCTS160DTR Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
HCTS160HMSR INTERSIL-HCTS160HMSR Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160K INTERSIL-HCTS160K Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
More results

Similar Description - HCTS163D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
logo
Renesas Technology Corp
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Intersil Corporation
HCS161MS INTERSIL-HCS161MS Datasheet
127Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
HCS161MS RENESAS-HCS161MS Datasheet
405Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Intersil Corporation
HCTS161AMS INTERSIL-HCTS161AMS Datasheet
115Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
HCS163MS RENESAS-HCS163MS Datasheet
407Kb / 9P
   Radiation Hardened Synchronous Presettable Counter
September 1995
logo
Intersil Corporation
HCS163MS INTERSIL-HCS163MS Datasheet
131Kb / 9P
   Radiation Hardened Synchronous Presettable Counter
September 1995
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
   Radiation Hardened 4-Bit Synchronous Counter
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com