Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9726 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9726
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9726_15 Datasheet HTML 2Page - Analog Devices AD9726_15 Datasheet HTML 3Page - Analog Devices AD9726_15 Datasheet HTML 4Page - Analog Devices AD9726_15 Datasheet HTML 5Page - Analog Devices AD9726_15 Datasheet HTML 6Page - Analog Devices AD9726_15 Datasheet HTML 7Page - Analog Devices AD9726_15 Datasheet HTML 8Page - Analog Devices AD9726_15 Datasheet HTML 9Page - Analog Devices AD9726_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD9726
Rev. B | Page 6 of 24
Parameter
Min
Typ
Max
Unit
SERIAL PORT INTERFACE
SCLK Frequency (fSCLK)
15
MHz
SCLK Rise/Fall Time
1
ms
SCLK Pulse Width High (tCPWH)
30
ns
SCLK Pulse Width Low (tCPWL)
30
ns
SCLK Setup Time (tCSU)
30
ns
SDIO Setup Time (tDSU)
30
ns
SDIO Hold Time (tDH)
0
ns
SDIO/SDO Valid Time (tDV)
30
ns
RESET PULSE WIDTH
1.5
ns
TIMING DIAGRAMS
DAC CLOCK
DATACLOCK OUTPUT
DATACLOCK INPUT
DATA BUS
tDCPD-DDR
tDSU-DDR
tDH-DDR
Figure 2. DDR Timing Diagram
DAC CLOCK
DATACLOCK OUTPUT
DATACLOCK INPUT
DATA BUS
tDCPD-SDR
tDSU-SDR
tDH-SDR
Figure 3. SDR Timing Diagram
DB0 TO DB15
CLK+/CLK–
IOUTA OR IOUTB
tPD-BYPASS
tDSU-BYPASS
tDH-BYPASS
Figure 4. Data Synchronization Bypass Timing Diagram


Similar Part No. - AD9726_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9726-EBZ AD-AD9726-EBZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSV AD-AD9726BSV Datasheet
613Kb / 24P
   16-Bit, 600 MSPS D/A Converter
REV. A
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSVZRL AD-AD9726BSVZRL Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results

Similar Description - AD9726_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com