Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS161ADMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS161ADMSR
Description  Radiation Hardened Synchronous Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS161ADMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS161ADMSR Datasheet HTML 1Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 2Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 3Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 4Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 5Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 6Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 7Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 8Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Specifications HCTS161AMS
Hold Time TE or PE to CP
TSU
VCC = 4.5V, VIH = 4.5,
VIL = 0.0V,
+25oC3
-
ns
+125oC, -55oC3
-
ns
Hold Time SPE to CP
TSU
VCC = 4.5V, VIH = 4.5,
VIL = 0.0V,
+25oC3
-
ns
+125oC, -55oC3
-
ns
Recovery Time
TREC
VCC = 4.5V, VIH = 4.5,
VIL = 0.0V,
+25oC15
-
ns
+125oC, -55oC22
-
ns
Maximum Frequency
FMAX
VCC = 4.5V, VIH = 4.5,
VIL = 0.0V,
+25oC
0
30
MHz
+125oC, -55oC
0
20
MHz
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIH = 4.5, VIL = 0V,
VOUT = 0.4V
+25oC
4.0
-
mA
Output Current (Source)
IOH
VCC = 4.5V, VIH = 4.5, VIL = 0V,
VOUT = VCC -0.4V
+25oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V ,
IOL = 50
µA
+25oC
-
0.1
V
VCC = 5.5V, VIH = 2.75V, VIL = 0.8V ,
IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, IOH = -50
µA
+25oC
VCC
-0.1
-V
VCC = 5.5V, VIH = 2.75V,
VIL = 0.8V, IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V ,
(Note 2)
+25oC-
-
V
Propagation Delay
CP to Qn
TPHL1
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
29
ns
TPLH1
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
29
ns
Propagation Delay
CP to TC
TPHL2
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
33
ns
TPLH2
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
31
ns
Propagation Delay
TE to TC
TPHL3
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
29
ns
TPLH3
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
21
ns
Propagation Delay
MR to Q
TPHL4
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
45
ns
Propagation Delay
MR to TC
TPHL5
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
51
ns
NOTES:
1. All voltages referenced to device GND.
2. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
518888


Similar Part No. - HCTS161ADMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS161ADMSR RENESAS-HCTS161ADMSR Datasheet
396Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
More results

Similar Description - HCTS161ADMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
logo
Renesas Technology Corp
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Intersil Corporation
HCS161MS INTERSIL-HCS161MS Datasheet
127Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
HCS161MS RENESAS-HCS161MS Datasheet
405Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Intersil Corporation
HCTS163MS INTERSIL-HCTS163MS Datasheet
152Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
HCS163MS RENESAS-HCS163MS Datasheet
407Kb / 9P
   Radiation Hardened Synchronous Presettable Counter
September 1995
logo
Intersil Corporation
HCS163MS INTERSIL-HCS163MS Datasheet
131Kb / 9P
   Radiation Hardened Synchronous Presettable Counter
September 1995
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
   Radiation Hardened 4-Bit Synchronous Counter
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com