Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS153HMSR Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCTS153HMSR
Description  Radiation Hardened Dual 4-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS153HMSR Datasheet(HTML) 5 Page - Intersil Corporation

  HCTS153HMSR Datasheet HTML 1Page - Intersil Corporation HCTS153HMSR Datasheet HTML 2Page - Intersil Corporation HCTS153HMSR Datasheet HTML 3Page - Intersil Corporation HCTS153HMSR Datasheet HTML 4Page - Intersil Corporation HCTS153HMSR Datasheet HTML 5Page - Intersil Corporation HCTS153HMSR Datasheet HTML 6Page - Intersil Corporation HCTS153HMSR Datasheet HTML 7Page - Intersil Corporation HCTS153HMSR Datasheet HTML 8Page - Intersil Corporation HCTS153HMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
544
Specifications HCTS153MS
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V or 5.5V, VIH = VCC/2,
VIL = 0.8V, IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V or 5.5V, VIH = VCC/2,
VIL = 0.8V, IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
(Note 3)
+25oC
---
Input to Output
TPHL
VCC = 4.5V
+25oC
2
34
ns
TPLH
VCC = 4.5V
+25oC
2
23
ns
Select to Data
TPHL
VCC = 4.5V
+25oC
2
46
ns
TPLH
VCC = 4.5V
+25oC
2
32
ns
Enable to Data
TPHL
VCC = 4.5V
+25oC
2
19
ns
TPLH
VCC = 4.5V
+25oC
2
22
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOL/IOH
5
-15% of 0 Hour
Spec Number
518609


Similar Part No. - HCTS153HMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS153HMSR RENESAS-HCTS153HMSR Datasheet
406Kb / 9P
   Radiation Hardened Dual 4-Input Multiplexer
September 1995
More results

Similar Description - HCTS153HMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS253MS INTERSIL-HCS253MS Datasheet
178Kb / 10P
   Radiation Hardened Dual 4-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCTS153MS RENESAS-HCTS153MS Datasheet
406Kb / 9P
   Radiation Hardened Dual 4-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
   Radiation Hardened 8-Input Multiplexer
November 1997
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS253MS INTERSIL-ACS253MS Datasheet
48Kb / 2P
   Radiation Hardened Dual 4-Input Multiplexer with Three-State Outputs
November 1997
HCTS21MS INTERSIL-HCTS21MS Datasheet
148Kb / 9P
   Radiation Hardened Dual 4-Input AND Gate
October 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
   Radiation Hardened Dual 4-Input NAND Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com