Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HCTS14MS Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HCTS14MS
Description  Radiation Hardened HEX Inverting Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 1 page
background image
390
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HCTS14MS
Radiation Hardened
HEX Inverting Schmitt Trigger
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T14
TOP VIEW
14 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP3-F14
TOP VIEW
Functional Diagram
TRUTH TABLE
INPUTS
An
OUTPUTS
Yn
LH
HL
NOTE: L = Logic Level Low,
H = Logic level High
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4
Yn
An
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Rate 2 x 10-9 Errors/Bit Day
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS14MS is a Radiation Hardened HEX Inverting
Schmitt trigger. A high on any input forces the output to a Low
state.
The HCTS14MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS14MS is supplied in a 14 lead Ceramic flatpack
Package (K suffix) or a 14 lead SBDIP Package (D suffix).
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
SCREENING
LEVEL
PACKAGE
HCTS14DMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead SBDIP
HCTS14KMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead Ceramic
Flatpack
HCTS14D/
Sample
+25oC
Sample
14 Lead SBDIP
HCTS14K/
Sample
+25oC
Sample
14 Lead Ceramic
Flatpack
HCTS14HMSR
+25oC
Die
Die
Spec Number
518607
File Number
3205.1
August 1995




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACS14MSRadiation Hardened Hex Inverting Schmitt Trigger 1 2 Intersil Corporation
HCS14MSRadiation Hardened HEX Inverting Schmitt Trigger 1 2 3 4 5 MoreIntersil Corporation
74HCT14Hex inverting Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors
HEF40106BHex inverting Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors
MM74HC14Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC14Hex inverting Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors
HCTS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreIntersil Corporation
ACS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 Intersil Corporation
CD74HC14High Speed CMOS Logic Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
CD54HC14High-Speed CMOS Logic Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl