Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS139KMSR Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCTS139KMSR
Description  Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS139KMSR Datasheet(HTML) 9 Page - Intersil Corporation

  HCTS139KMSR Datasheet HTML 1Page - Intersil Corporation HCTS139KMSR Datasheet HTML 2Page - Intersil Corporation HCTS139KMSR Datasheet HTML 3Page - Intersil Corporation HCTS139KMSR Datasheet HTML 4Page - Intersil Corporation HCTS139KMSR Datasheet HTML 5Page - Intersil Corporation HCTS139KMSR Datasheet HTML 6Page - Intersil Corporation HCTS139KMSR Datasheet HTML 7Page - Intersil Corporation HCTS139KMSR Datasheet HTML 8Page - Intersil Corporation HCTS139KMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
528
HCTS139MS
Die Characteristics
DIE DIMENSIONS:
2.74mm x 2.68mm
108 mils x 106 mils
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCTS139MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS139 is TA14409.
E1 1
(1)
A0 1
(2)
A1 1 (3)
Y0 1 (4)
Y1 1 (5)
Y2 2 (6)
(7)
(8)
GND
(9)
2 Y3
(10) 2 Y2
(11) 2 Y1
(12) 2 Y0
(13) 2 A1
VCC
E 2
(14) 2 A0
Y3 1
(15)
(16)
Spec Number
518606


Similar Part No. - HCTS139KMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS139KMSR RENESAS-HCTS139KMSR Datasheet
834Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
More results

Similar Description - HCTS139KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS139MS INTERSIL-HCS139MS Datasheet
171Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCTS139MS RENESAS-HCTS139MS Datasheet
834Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
HCS139MS RENESAS-HCS139MS Datasheet
516Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS_11 Datasheet
383Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
   Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Intersil Corporation
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
   Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com