Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS132KMSR Datasheet(PDF) 7 Page - Intersil Corporation

Part # HCTS132KMSR
Description  Radiation Hardened Quad 2-Input NAND Schmitt Trigger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS132KMSR Datasheet(HTML) 7 Page - Intersil Corporation

  HCTS132KMSR Datasheet HTML 1Page - Intersil Corporation HCTS132KMSR Datasheet HTML 2Page - Intersil Corporation HCTS132KMSR Datasheet HTML 3Page - Intersil Corporation HCTS132KMSR Datasheet HTML 4Page - Intersil Corporation HCTS132KMSR Datasheet HTML 5Page - Intersil Corporation HCTS132KMSR Datasheet HTML 6Page - Intersil Corporation HCTS132KMSR Datasheet HTML 7Page - Intersil Corporation HCTS132KMSR Datasheet HTML 8Page - Intersil Corporation HCTS132KMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
506
HCTS132MS
AC Timing Diagrams
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
AC Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Spec Number
518604


Similar Part No. - HCTS132KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS138D INTERSIL-HCTS138D Datasheet
154Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCTS138DMSR INTERSIL-HCTS138DMSR Datasheet
154Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCTS138DMSR INTERSIL-HCTS138DMSR Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCTS138DMSR INTERSIL-HCTS138DMSR Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
logo
Renesas Technology Corp
HCTS138DMSR RENESAS-HCTS138DMSR Datasheet
442Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results

Similar Description - HCTS132KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS132MS INTERSIL-ACS132MS Datasheet
50Kb / 2P
   Radiation Hardened Quad 2-Input NAND Schmitt Trigger
November 1998
HCS132MS INTERSIL-HCS132MS Datasheet
156Kb / 8P
   Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
logo
Renesas Technology Corp
HCS132MS RENESAS-HCS132MS Datasheet
368Kb / 8P
   Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com