Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HCTS138MS Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HCTS138MS
Description  Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 1 page
background image
510
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS138DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCTS138KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCTS138D/Sample
+25oC
Sample
16 Lead SBDIP
HCTS138K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCTS138HMSR
+25oC
Die
Die
HCTS138MS
Radiation Hardened Inverting
3-to-8 Line Decoder/Demultiplexer
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
A1
A2
E1
E2
E3
GND
Y7
VCC
Y1
Y2
Y3
Y4
Y5
Y6
Y0
A0
A1
A2
E1
E2
E3
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS138MS is a Radiation Hardened 3-to-8 line
Decoder/Demultiplexer. The outputs are active in the low
state. Two active low and one active high enables (E1, E2,
E3) are provided. If the device is enabled, the binary inputs
(A0, A1, A2) determine which one of the eight normally high
outputs will go to a low logic level.
The HCTS138MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS138MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
August 1995
Spec Number
518605
File Number
2462.2




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCS138TRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 Intersil Corporation
HTCS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
HCS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
HCS241MSRadiation Hardened Inverting Octal Three-State Buffer/Line Driver 1 2 3 4 5 MoreIntersil Corporation
ACTS240THigh Reliability Radiation Hardened Octal Buffer/Line Driver Three-State Inverting 1 2 3 Intersil Corporation
ACS138MSRadiation Hardened 3-to-8 Line Decoder/Demultiplexer 1 2 Intersil Corporation
HCTS540MSRadiation Hardened Inverting Octal Buffer/Line Driver Three-State 1 2 3 4 5 MoreIntersil Corporation
ACTS138MSRadiation Hardened TTL Input 3-to-8 Line Decoder/Demultiplexer 1 2 Intersil Corporation
ACS240MSRadiation Hardened Inverting Octal Three-State Buffer/Line Driver 1 2 Intersil Corporation
ACS244MSRadiation Hardened Non-Inverting Octal Three-State Buffer/Line Driver 1 2 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl