Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HCTS138MS Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HCTS138MS
Description  Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 6 page
background image
515
Specifications HCTS138MS
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 1)
7, 9 - 15
1 - 6, 8
16
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
7, 9 - 15
8
-
1 - 6, 16
-
-
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2)
-
4, 5, 8
7, 9 - 15
3, 6, 16
2
1
NOTES:
1. Each pin except VCC and GND will have a resistor of 10K
Ω± 5% for static burn-in
2. Each pin except VCC and GND will have a resistor of 680
Ω± 5% for dynamic burn-in
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
7, 9 - 15
8
1 - 6, 16
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω± 5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518605




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCS138TRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 Intersil Corporation
HTCS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
HCS138MSRadiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer 1 2 3 4 5 MoreIntersil Corporation
HCS241MSRadiation Hardened Inverting Octal Three-State Buffer/Line Driver 1 2 3 4 5 MoreIntersil Corporation
ACTS240THigh Reliability Radiation Hardened Octal Buffer/Line Driver Three-State Inverting 1 2 3 Intersil Corporation
ACS138MSRadiation Hardened 3-to-8 Line Decoder/Demultiplexer 1 2 Intersil Corporation
HCTS540MSRadiation Hardened Inverting Octal Buffer/Line Driver Three-State 1 2 3 4 5 MoreIntersil Corporation
ACTS138MSRadiation Hardened TTL Input 3-to-8 Line Decoder/Demultiplexer 1 2 Intersil Corporation
ACS240MSRadiation Hardened Inverting Octal Three-State Buffer/Line Driver 1 2 Intersil Corporation
ACS244MSRadiation Hardened Non-Inverting Octal Three-State Buffer/Line Driver 1 2 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl