Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS138MS Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS138MS
Description  Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS138MS Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS138MS Datasheet HTML 1Page - Intersil Corporation HCTS138MS Datasheet HTML 2Page - Intersil Corporation HCTS138MS Datasheet HTML 3Page - Intersil Corporation HCTS138MS Datasheet HTML 4Page - Intersil Corporation HCTS138MS Datasheet HTML 5Page - Intersil Corporation HCTS138MS Datasheet HTML 6Page - Intersil Corporation HCTS138MS Datasheet HTML 7Page - Intersil Corporation HCTS138MS Datasheet HTML 8Page - Intersil Corporation HCTS138MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
513
Specifications HCTS138MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Address to Output
TPLH
VCC = 4.5V
9
+25oC
2
25
ns
10, 11
+125oC, -55oC
2
30
ns
TPHL
VCC = 4.5V
9
+25oC
2
28
ns
10, 11
+125oC, -55oC
2
39
ns
Enable to Output
TPLH
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
31
ns
TPHL
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
34
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
89
pF
1
+125oC, -55oC
-
102
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC, -55oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC, -55oC
-
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-6.0
-
mA
Spec Number
518605


Similar Part No. - HCTS138MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS138MS INTERSIL-HCTS138MS Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
logo
Renesas Technology Corp
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
logo
Intersil Corporation
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
More results

Similar Description - HCTS138MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS138T INTERSIL-HCS138T Datasheet
158Kb / 3P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
July 1999
logo
Renesas Technology Corp
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
logo
Intersil Corporation
HTCS138MS INTERSIL-HTCS138MS Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCS138MS INTERSIL-HCS138MS Datasheet
153Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
   Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
logo
Renesas Technology Corp
ACS138MS RENESAS-ACS138MS Datasheet
186Kb / 2P
   Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com