Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS04D Datasheet(PDF) 7 Page - Intersil Corporation

Part # HCTS04D
Description  Radiation Hardened Hex Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS04D Datasheet(HTML) 7 Page - Intersil Corporation

  HCTS04D Datasheet HTML 1Page - Intersil Corporation HCTS04D Datasheet HTML 2Page - Intersil Corporation HCTS04D Datasheet HTML 3Page - Intersil Corporation HCTS04D Datasheet HTML 4Page - Intersil Corporation HCTS04D Datasheet HTML 5Page - Intersil Corporation HCTS04D Datasheet HTML 6Page - Intersil Corporation HCTS04D Datasheet HTML 7Page - Intersil Corporation HCTS04D Datasheet HTML 8Page - Intersil Corporation HCTS04D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
386
HCTS04MS
AC Timing Diagrams
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
AC Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Spec Number
518776


Similar Part No. - HCTS04D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS04D RENESAS-HCTS04D Datasheet
575Kb / 8P
   Radiation Hardened Hex Inverter
August 1995
HCTS04DMSR RENESAS-HCTS04DMSR Datasheet
575Kb / 8P
   Radiation Hardened Hex Inverter
August 1995
More results

Similar Description - HCTS04D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS04MS RENESAS-ACS04MS Datasheet
220Kb / 2P
   Radiation Hardened Hex Inverter
November 1998
HCTS04MS RENESAS-HCTS04MS Datasheet
575Kb / 8P
   Radiation Hardened Hex Inverter
August 1995
logo
Intersil Corporation
HCS04MS INTERSIL-HCS04MS Datasheet
104Kb / 8P
   Radiation Hardened Hex Inverter
August 1995
ACTS04MS INTERSIL-ACTS04MS Datasheet
90Kb / 3P
   Radiation Hardened Hex Inverter
ACS04MS INTERSIL-ACS04MS Datasheet
50Kb / 2P
   Radiation Hardened Hex Inverter
November 1998
logo
Renesas Technology Corp
ACTS04MS RENESAS-ACTS04MS Datasheet
246Kb / 2P
   Radiation Hardened Hex Inverter
January 1996
HCS04MS RENESAS-HCS04MS Datasheet
573Kb / 8P
   Radiation Hardened Hex Inverter
August 1995
logo
Intersil Corporation
HCS05MS INTERSIL-HCS05MS Datasheet
107Kb / 7P
   Radiation Hardened Hex Inverter with Open Drain
September 1995
logo
Renesas Technology Corp
HCS05MS RENESAS-HCS05MS Datasheet
316Kb / 7P
   Radiation Hardened Hex Inverter with Open Drain
September 1995
logo
Intersil Corporation
ACS05MS INTERSIL-ACS05MS Datasheet
50Kb / 2P
   Radiation Hardened Hex Inverter with Open Drain Outputs
November 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com