Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC1687G Datasheet(PDF) 7 Page - NEC

Part # UPC1687G
Description  GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1687G Datasheet(HTML) 7 Page - NEC

Back Button UPC1687G Datasheet HTML 3Page - NEC UPC1687G Datasheet HTML 4Page - NEC UPC1687G Datasheet HTML 5Page - NEC UPC1687G Datasheet HTML 6Page - NEC UPC1687G Datasheet HTML 7Page - NEC UPC1687G Datasheet HTML 8Page - NEC UPC1687G Datasheet HTML 9Page - NEC UPC1687G Datasheet HTML 10Page - NEC UPC1687G Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet P11101EJ4V0DS00
7
µµµµPC1687G/GV
30
25
20
15
10
5
CONVERSION GAIN VS. INPUT FREQUENCY
55
200
Input Frequency fRF (MHz)
500
900
100
90
80
70
60
0
500
1 000
1 200
Input Frequency fRF (MHz)
1 % CROSS-MODULATION DISTORTION VS. INPUT FREQUENCY
VCC = 5 V
fundes = fRF
±12 MHz
PRF = –31 dBm
f
POSC = –5 dBm
IF
= 50 MHz
AM: 100 kHz, 30 % Mod.
S/I Ratio = 46 dBc
Output Port: 75
Ω Open
VCC = 5 V, PRF = –40 dBm, fIF = 50 MHz, POSC = –5 dBm
RF Input Terminal: Tuned


Similar Part No. - UPC1687G

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
UPC1687GV-E1 CEL-UPC1687GV-E1 Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
More results

Similar Description - UPC1687G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1685G NEC-UPC1685G Datasheet
80Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1686G NEC-UPC1686G Datasheet
84Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1694GR NEC-UPC1694GR Datasheet
138Kb / 20P
   GENERAL PURPOSE HIGH FREQUENCY WIDEBAND IC FOR FREQUENCY DOWN-CONVERTER
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
   Down Converter IC
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
   Down Converter IC
February, 2014
logo
NEC
UPC2721 NEC-UPC2721 Datasheet
90Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
logo
Sony Corporation
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com